Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203ENGSP Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT6203ENGSP
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203ENGSP Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT6203ENGSP Datasheet HTML 13Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 14Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 15Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 16Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 17Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 18Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 19Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 20Page - Richtek Technology Corporation RT6203ENGSP Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
RT6203E
18
DS6203E-00 January 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
If the application calls for a higher ambient temperature
and may exceed the recommended maximum junction
temperature of 125
°C, care should be taken to reduce the
temperature rise of the part by using a heat sink or air
flow.
Resistance vs. Temperature
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
125
Temperature (°C)
RDS(ON)_H
RDS(ON)_L
Figure 6. RT6203E RDS(ON) vs. Temperature
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the device.
Keep the high-current paths short, especially at the
ground terminals. This practice is essential for stable,
jitter-free operation. The high current path comprising
of input capacitor, high-side FET, inductor, and the output
capacitor should be as short as possible. This practice
is essential for high efficiency.
Place the input MLCC capacitors as close to the VIN
and GND pins as possible. The major MLCC capacitors
should be placed on the same layer as the RT6203E.
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive noise
pickup.
Connect feedback network behind the output capacitors.
Place the feedback components next to the FB pin.
For better thermal performance, to design a wide and
thick plane for GND pin or to add a lot of vias to GND
plane.
An example of PCB layout guide is shown from Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com