Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6318B Datasheet HTML 1Page - Richtek Technology Corporation RT6318B Datasheet HTML 2Page - Richtek Technology Corporation RT6318B Datasheet HTML 3Page - Richtek Technology Corporation RT6318B Datasheet HTML 4Page - Richtek Technology Corporation RT6318B Datasheet HTML 5Page - Richtek Technology Corporation RT6318B Datasheet HTML 6Page - Richtek Technology Corporation RT6318B Datasheet HTML 7Page - Richtek Technology Corporation RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
RT6318B/C
5
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
Overall
The RT6318B/C is an advanced constant on-time
(ACOT®) mode synchronous buck converter. The main
control loop of the RT6318B/C using an ACOT® mode
control which provides a very fast transient response.
Internal VCC Regulator
The RT6318B/C includes a 5V linear regulator (VCC). The
VCC regulator steps down input voltage to supply both
internal circuitry and gate drivers. Do not connect the VCC
pin to external loads.
LDO
The RT6318B/C includes a 3.3V/5V 100mA linear
regulators (LDO). When VOUT is higher than the switch
over threshold 3.1V (RT6318B) or 4.7V (RT6318C), an
automatic circuit will change the power source of linear
regulator from VIN path to VOUT path.
Soft-Start
The RT6318B/C provides an internal soft-start function to
prevent large inrush current and output voltage overshoot.
The typical soft-start duration is around 0.6ms.
Over-Current Limit
The RT6318B/C current limit is fixed 9A and it is a cycle-
by-cycle “valley” type, measuring the inductor current
through the synchronous rectifier during the off-time while
the inductor current ramps down. If output voltage drops
below the output under-voltage protection level, the
RT6318B/C will stop switching to avoid excessive heat.
Output Over-Voltage Protection (OVP) and Under-
Voltage Protection (UVP)
The RT6318B/C includes output over-voltage protection
(OVP) and output under-voltage protection (UVP). If the
output voltage rises above OVP threshold or drops below
UVP threshold for longer than 20
μs (typical), the OVP or
UVP function is triggered.
Power Good
The power good output is an open drain output that requires
a pull-up resistor. PGOOD will be pulled high after soft-
start is over and the output reaches 90% of its set voltage.
There is a 10
μs delay built into PGOOD circuitry to prevent
false transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com