Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 12Page - Richtek Technology Corporation RT6318B Datasheet HTML 13Page - Richtek Technology Corporation RT6318B Datasheet HTML 14Page - Richtek Technology Corporation RT6318B Datasheet HTML 15Page - Richtek Technology Corporation RT6318B Datasheet HTML 16Page - Richtek Technology Corporation RT6318B Datasheet HTML 17Page - Richtek Technology Corporation RT6318B Datasheet HTML 18Page - Richtek Technology Corporation RT6318B Datasheet HTML 19Page - Richtek Technology Corporation RT6318B Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
RT6318B/C
16
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Part.
EN
VCC
VOUT
3.3V
(LDO)
5V
(LDO)
RT6318B
1
1
1
1
X
0
1
0
1
X
RT6318C
1
1
1
X
1
0
1
0
X
1
Table 1. RT6318B/C Power Logic
Internal Output Voltage Discharge
An internal open-drain logic output is implemented on LX
pin. As operating in OVP, UVP, OTP, enable low and VIN
low status, the internal discharge path is activated and
the residual energy from output terminal can be released
from an internal resistor(50
Ω) to ground.
Soft-Start
The RT6318B/C provides an internal soft-start function to
prevent large inrush current and output voltage overshoot
when the converter starts up. The soft-start (SS)
automatically begins once the chip is enabled. During soft-
start, it clamps the ramping of internal reference voltage
which is compared with FB signal. The typical soft-start
duration is 0.6ms.
Power Good Output (PGOOD)
The power good output is an open drain output that requires
a pull-up resistor. When the output voltage is 15% (typical)
below its set voltage, PGOOD will be pulled low. It is held
low until the output voltage returns to 90% of its set voltage
once more. During soft-start, PGOOD is actively held low
and only allowed to be pulled high after soft-start is over
and the output reaches 90% of its set voltage. There is a
10
μs delay built into PGOOD circuitry to prevent false
transition.
External Bootstrap Capacitor and Resistor (CBOOT
and RBOOT)
Connect a 0.1
μF low ESR ceramic capacitor and at least
10
Ω resistor between BOOT pin and LX pin. This bootstrap
capacitor provides the gate driver supply voltage for the
high-side N-channel MOSFET switch.
The internal power MOSFET switch gate driver is
optimized to turn the switch on fast enough for low power
loss and good efficiency, but also slow enough to reduce
EMI. Switch turn-on is when most EMI occurs since VLX
rises rapidly. In some cases, it is desirable to reduce EMI
further, by the expense of some additional power
dissipation.
Inductor Selection
Selecting an inductor involves specifying its inductance
and also its required peak current. The exact inductor value
Input Under-Voltage Lock-Out
In addition to the enable function, the RT6318B/C provides
an Under-Voltage Lock-Out (UVLO) function that monitors
the input voltage. To prevent operation without fully-
enhanced internal MOSFET switches, this function inhibits
switching when input voltage drops below the UVLO-falling
threshold. The IC resumes switching when input voltage
exceeds the UVLO-rising threshold.
Over-Temperature Protection
The RT6318B/C includes an Over-Temperature Protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP will shut down switching
operation when the junction temperature exceeds 150
°C.
The RT6318B/C uses latch-off mode in OTP. When the
protection function is triggered, the IC will shut down. The
IC stops switching and is latched off. To restart operation,
toggle EN or power the IC off and then on again. For
continuous operation, provide adequate cooling so that
the junction temperature does not exceed 150
°C.
Enable and Disable
The RT6318B/C's EN is used to control converter, the
enable voltage (EN) has a logic-low level of 0.4V. When
VEN is below this level the IC enters shutdown mode When
VEN exceeds its logic-high level of 0.8V the converter is
fully operational. The 3.3V/5V linear regulators (LDO) is
always on when VIN exceeds the UVLO threshold. See
Table 1 for the RT6318B/C power logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com