Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 11Page - Richtek Technology Corporation RT6318B Datasheet HTML 12Page - Richtek Technology Corporation RT6318B Datasheet HTML 13Page - Richtek Technology Corporation RT6318B Datasheet HTML 14Page - Richtek Technology Corporation RT6318B Datasheet HTML 15Page - Richtek Technology Corporation RT6318B Datasheet HTML 16Page - Richtek Technology Corporation RT6318B Datasheet HTML 17Page - Richtek Technology Corporation RT6318B Datasheet HTML 18Page - Richtek Technology Corporation RT6318B Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
RT6318B/C
15
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ultrasonic mode is selected by the EN voltage level. When
EN is above 2.3V, it enters normal mode. If EN is in the
range of 0.8V to 1.7V, it enters ultrasonic mode.
On-Time Reduction Function for DEM
In normal diode emulation mode, the output voltage ripple
of converter is proportional to on-time and inversely
proportional to load current. In order to have smaller voltage
ripple in light load application, the RT6318B/C provides a
smart reduction on-time function, which will follow
decreased load current to decrease on-time naturally,
therefore the output voltage ripple can be reduced
effectively.
Linear Regulators (LDO & VCC)
The RT6318B/C includes a 3.3V/5V linear regulators
(LDO). The regulators can supply up to 100mA for external
load, therefore it's recommended to bypass LDO with a
minimum 4.7
μF ceramic capacitor to GND. When VOUT
is higher than the switch over threshold 3.1V (RT6318B)
or 4.7V (RT6318C), an automatic circuit will change the
power source of linear regulator from VIN path to VOUT
path, therefore the power dissipation of linear regulator
will be decrease efficiently.
The RT6318B/C also includes a 5V linear regulator (VCC).
The VCC regulator steps down input voltage to supply
both internal circuitry and gate drivers. Do not connect
the VCC pin to external loads.
Current Limit
The RT6318B/C current limit is fixed 9A and it is a cycle-
by-cycle “valley” type, measuring the inductor current
through the synchronous rectifier during the off-time while
the inductor current ramps down. The current is
determined by measuring the voltage between source and
drain of the synchronous rectifier, adding temperature
compensation for greater accuracy. If the current exceeds
the current limit, the on-time one-shot is inhibited until
the inductor current ramps down below the current limit.
Thus, only when the inductor current is well below the
current limit, another on-time is permitted. If the output
current exceeds the available inductor current (controlled
by the current limit mechanism), the output voltage will
drop. If it drops below the output under-voltage protection
level (see next section) the IC will stop switching to avoid
excessive heat.
Peak Current Limit Protection
The RT6318B/C integrates a high-side MOSFET current
limit protection for preventing inductor saturation or avoiding
any possibility of damage caused by too much inrush
current. For implementing peak current limit protection,
there is a ILIMIT_PEAK level ( 15A) is compared to switching
current during high-side MOSFET turned on, as shown in
Figure 3. As the inductor current IL reaches the ILIMIT_PEAK,
the on-time is terminated to limit the load current. Further,
low-side MODFET is turned on to discharge the inductor
current till VOUT is lower than the internal VREF. For
regulating the output voltage, high-side MOSFET is turned
on which is the cycle-by-cycle current limit. However, if
this situation still exists and the duty cycle is suppressed,
output voltage cannot be regulated and starts falling. Once,
the output voltage below UVP level, the RT6318B/C is
going to be latched.
ILIMIT_PEAK
IL
PWM
IOUT
Figure 3. Peak Current Limitation
Output Over-Voltage Protection and Under-Voltage
Protection
The RT6318B/C includes output over-voltage protection
(OVP). If the output voltage rises above the regulation
level, the high-side switch naturally remains off and the
synchronous rectifier will turn on until the inductor current
reaches the zero or next on-time one-shot is triggered. If
the output voltage exceeds the OVP threshold for longer
than 20
μs (typical), the IC's OVP is triggered. The
RT6318B/C also includes output under-voltage protection
(UVP). If the output voltage drops below the UVP trip
threshold for longer than 20
μs (typical) the IC's UVP is
triggered. The RT6318B/C uses latch-off mode in OVP
and UVP. When the protection function is triggered, the
IC will shut down. The IC stops switching and is latched
off. To restart operation, toggle EN or power the IC off and
then on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com