Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 7Page - Richtek Technology Corporation RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation RT6318B Datasheet HTML 10Page - Richtek Technology Corporation RT6318B Datasheet HTML 11Page - Richtek Technology Corporation RT6318B Datasheet HTML 12Page - Richtek Technology Corporation RT6318B Datasheet HTML 13Page - Richtek Technology Corporation RT6318B Datasheet HTML 14Page - Richtek Technology Corporation RT6318B Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RT6318B/C
11
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (20
μs/Div)
Power Off from EN
VOUT
(2V/Div)
IL
(5A/Div)
RT6318B, VIN = 12V, EN = 2.4V,
VOUT = 3.3V, IOUT = 8A
PGOOD
(5V/Div)
EN
(2V/Div)
Time (200
μs/Div)
Power On from EN
VOUT
(2V/Div)
IL
(5A/Div)
RT6318B, VIN = 12V, EN = 2.4V,
VOUT = 3.3V, IOUT = 8A
PGOOD
(5V/Div)
EN
(2V/Div)
Quiescent Current vs. Input Voltage
90
95
100
105
110
115
120
4
6
8
1012
141618
202224
Input Voltage (V)
RT6318B, EN = 2.4V, No Switching
Shutdown Current vs. Input Voltage
46
48
50
52
54
56
58
60
4
6
8
101214
1618
202224
Input Voltage (V)
RT6318B, EN = 0V
VLDO3 vs. ILDO3
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
0
1020
30
40506070
8090
100
ILDO3 (mA)
RT6318B, VIN = 12V, EN = 0V
VLDO5 vs. ILDO5
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
0
1020
3040506070
8090
100
ILDO5 (mA)
RT6318C, VIN = 12V, EN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com