Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 3Page - Richtek Technology Corporation RT6318B Datasheet HTML 4Page - Richtek Technology Corporation RT6318B Datasheet HTML 5Page - Richtek Technology Corporation RT6318B Datasheet HTML 6Page - Richtek Technology Corporation RT6318B Datasheet HTML 7Page - Richtek Technology Corporation RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation RT6318B Datasheet HTML 10Page - Richtek Technology Corporation RT6318B Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
RT6318B/C
7
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
Output Voltage Setpoint
VOUT
RT6318B
3.267
3.3
3.333
V
RT6318C
5.049
5.1
5.151
VCC Regulator Voltage
VCC
4.95
5
5.05
V
On Resistance
High-Side Switch On Resistance
RDS(ON)_H
14
20
26
m
Low-Side Switch On Resistance
RDS(ON)_L
8
10
12
m
Discharge FET Ron
RDIS
40
50
63
Current Limit
Top FET Current Limit
ILIM_T
--
15
--
A
Bottom FET Current Limit
ILIM_B
9
10.4
11.8
A
Oscillator Frequency
Oscillator Frequency
fOSC
RT6318B
0.42
0.5
0.58
MHz
RT6318C
0.62
0.75
0.9
MHz
On-Time Timer Control
Minimum On-Time
tON_MIN
VIN = VIN(MAX)
40
50
80
ns
Minimum Off-Time
tOFF_MIN
150
200
300
ns
Ultrasonic Mode
Operation Period
tUSM
20
30
40
s
Soft-Start
Soft-Start Time
tSS
From EN high to PGOOD high
1.3
1.65
2
ms
Output Rising Time
tR
From 10% to 90% VOUT
--
0.6
--
ms
UVLO
Input UVLO Threshold
VUVLO
Wake up RT6318B
--
--
4.5
V
Wake up RT6318C
--
--
5.4
UVLO Hysteresis
VHYS
--
0.3
--
V
Output Over-Voltage Protection
Output Over Voltage Threshold
VOUT rising
115
120
125
%
Output Over Voltage Hysteresis
--
3
--
%
Output Over Voltage Delay Time
--
20
--
s
Output Under-Voltage Protection
Output Under Voltage Threshold
VFB falling
54
60
64
%
Output Under Voltage Delay Time
FB forced below UV threshold
--
20
--
s
UV Blank Time
From EN high
--
1.65
--
ms
Power Good
Power Good Threshold
VTH_PGLH
VOUT rising (Good)
88
90
92
%
Power Good Hysteresis
VTH_PGLH
--
15
--
%
Power Good Delay Time
--
10
--
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com