Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation RT6318B Datasheet HTML 10Page - Richtek Technology Corporation RT6318B Datasheet HTML 11Page - Richtek Technology Corporation RT6318B Datasheet HTML 12Page - Richtek Technology Corporation RT6318B Datasheet HTML 13Page - Richtek Technology Corporation RT6318B Datasheet HTML 14Page - Richtek Technology Corporation RT6318B Datasheet HTML 15Page - Richtek Technology Corporation RT6318B Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RT6318B/C
12
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (10
μs/Div)
Over Current Limit
VOUT
(1V/Div)
IL
(10A/Div)
LX
(10V/Div)
RT6318B, VIN = 12V, EN = 2.4V, VOUT = 3.3V
Time (20
μs/Div)
VOUT OVP
VOUT
(1V/Div)
PGOOD
(5V/Div)
LX
(5V/Div)
RT6318B, VIN = 12V,
EN = 2.4V, VOUT = 3.3V, No Load
Time (10
μs/Div)
VOUT UVP
VOUT
(1V/Div)
PGOOD
(5V/Div)
LX
(10V/Div)
RT6318B, VIN = 12V, EN = 2.4V, VOUT = 3.3V
Time (40
μs/Div)
Load Transient Response
VOUT
(100mV/Div)
IOUT
(5A/Div)
RT6318B, VIN = 12V, EN = 2.4V,
VOUT = 3.3V, IOUT = 0.8A to 8A
LX
(10V/Div)
Time (40
μs/Div)
Load Transient Response
VOUT
(200mV/Div)
IOUT
(5A/Div)
RT6318C, VIN = 12V, EN = 2.4V,
VOUT = 5.1V, IOUT = 0.8A to 8A
LX
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com