Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 2Page - Richtek Technology Corporation RT6318B Datasheet HTML 3Page - Richtek Technology Corporation RT6318B Datasheet HTML 4Page - Richtek Technology Corporation RT6318B Datasheet HTML 5Page - Richtek Technology Corporation RT6318B Datasheet HTML 6Page - Richtek Technology Corporation RT6318B Datasheet HTML 7Page - Richtek Technology Corporation RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation RT6318B Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
RT6318B/C
6
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------
−0.3V to 27V
Enable Pin Voltage, VEN -------------------------------------------------------------------------------------
−0.3V to 27V
FF Pin Voltage, VFF ---------------------------------------------------------------------------------------------------------------------------------
−0.3V to 4.5V
VOUT Pin Voltage, VOUT (RT6318B) --------------------------------------------------------------------
−0.3V to 4.5V
VOUT Pin Voltage, VOUT (RT6318C) --------------------------------------------------------------------
−0.3V to 6V
Switch Voltage, VLX -------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
<30ns -----------------------------------------------------------------------------------------------------------
−5V to 28V
Boot Voltage, VBS ---------------------------------------------------------------------------------------------
(VLX − 0.3V) to (VLX + 6V)
Other I/O Pin Voltages ---------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
UQFN-12HL 3x3 (FC) ---------------------------------------------------------------------------------------- 2.79W
Package Thermal Resistance (Note 2)
UQFN-12HL 3x3 (FC),
θJA----------------------------------------------------------------------------------- 35.8°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------- 260
°C
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------- 2kV
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
RT6318B
4.5
--
23
V
RT6318C
5.1
--
23
Supply Current
Supply Current (Shutdown)
ISHDN
VEN = 0
40
50
60
A
Supply Current (Quiescent)
IQ
IOUT = 0, VOUT = VSET x
105%, VEN = 2V
80
100
130
A
Logic Threshold
EN Input Low Voltage
VENL
--
--
0.4
V
EN Input High Voltage
VENH
0.8
--
--
V
Ultra-Sonic Mode
VEN
--
--
1.7
V
Normal Mode
VEN
2.3
--
--
V
Recommended Operating Conditions (Note 4)
Supply Input Voltage VIN (RT6318B) --------------------------------------------------------------------- 4.5V to 23V
Supply Input Voltage VIN (RT6318C) -------------------------------------------------------------------- 5.1V to 23V
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com