Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 15Page - Richtek Technology Corporation RT6318B Datasheet HTML 16Page - Richtek Technology Corporation RT6318B Datasheet HTML 17Page - Richtek Technology Corporation RT6318B Datasheet HTML 18Page - Richtek Technology Corporation RT6318B Datasheet HTML 19Page - Richtek Technology Corporation RT6318B Datasheet HTML 20Page - Richtek Technology Corporation RT6318B Datasheet HTML 21Page - Richtek Technology Corporation RT6318B Datasheet HTML 22Page - Richtek Technology Corporation RT6318B Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
RT6318B/C
19
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 5. Bode Plot with Different Feedback Loop Conditions
The transfer function of feedforward network is expressed
in equation (1) and the positions of zero and pole are
calculated in equation (2) and equation (3).
FB
FF
OUT
FF
s
1 +
1
V(s)
R1 C
1
=
(1)
R1
s
V(s)
1 +
1 +
1
R2
(R1//R2) C
P
FF
1
f =
(2)
2
(R1//R2) C
 
Z
FF
1
f =
(3)
2R1 C
 
Observing Figure 5, the maximum phase boost occurs
between zero and pole frequencies that is defined as
maximum phase boost frequency, as expressed in
equation (4). Hence, in order to achieve the maximum
phase boost by adding CFF in the RT6318B/C, the
system's original bandwidth has to be located at maximum
phase boost frequency.
ph_max
P
Z
f
= f
f
(4)
For putting zero at the correct frequency to implement
maximum phase boost, the first thing is to determine
system's bandwidth. There is a simple way to measure
bandwidth of the RT6318B/C that is load transient analysis.
By using a converter without feedforward network to
observe the voltage deviation frequency during load step,
the bandwidth of converter can be obtained because of
the crossover frequency related to voltage deviation
frequency approximately, as shown in Figure 6.
BW
VOUT
IOUT
t
Figure 6. A Simply Way to Get the Bandwidth
Following the above concept, the equation of bandwidth
with feedforward CFF can be derived, as expressed in
equation (5).
FF
FF
11
1
1
BW =
+
(5)
2
R1C
2
C
R1
R2





For optimizing transient response, the CFF can be obtained
from equation (5), as shown in equation (6).
FF
11
1
1
C
=
+
(6)
2BW R1
R1
R2



After defining the CFF, please also check the load regulation,
because feedforward capacitor might inject an offset
voltage into VOUT to cause VOUT inaccuracy. If the output
voltage is over spec caused by calculated CFF, please
decrease the value of feedforward capacitor CFF.
Dividing resistors of the RT6318B/C is listed in following
table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com