Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 5Page - Richtek Technology Corporation RT6318B Datasheet HTML 6Page - Richtek Technology Corporation RT6318B Datasheet HTML 7Page - Richtek Technology Corporation RT6318B Datasheet HTML 8Page - Richtek Technology Corporation RT6318B Datasheet HTML 9Page - Richtek Technology Corporation RT6318B Datasheet HTML 10Page - Richtek Technology Corporation RT6318B Datasheet HTML 11Page - Richtek Technology Corporation RT6318B Datasheet HTML 12Page - Richtek Technology Corporation RT6318B Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RT6318B/C
9
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT6318B
VCC
9
LX
VOUT
VCC
2, 3
L
COUT
PGOOD 7
VPGOOD
3.3V/8A
CVCC
1µF
1µH
22µF x 4
VEN
EN
6
VIN
VIN
5
4.5V to 23V
CIN
10µF x 2
PGND 4
AGND 8
LDO3
VLDO3
11
3.3V/100mA
CLDO3
4.7µF
BOOT 1
CBOOT
0.1µF
VOUT 10
CFF
10pF
FF 12
REN
1K
RFF
RBOOT
1k
10
RT6318C
VEN
EN
6
VIN
VIN
5
CIN
5.1V to 23V
10µF x 2
LDO5
VLDO5
12
5V/100mA
CLDO5
4.7µF
BOOT
LX
VOUT
1
2, 3
COUT
VOUT 10
CBOOT
L
CBUFF
5.1V/8A
0.1µF
1µH
0.1µF
22µF x 4
4
PGND
FF 9
CFF
AGND
8
PGOOD 7
VPGOOD
REN
1K
VCC
11
CVCC
1µF
VCC
RFF
RBOOT
1k
10pF
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com