Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 13Page - Richtek Technology Corporation RT6318B Datasheet HTML 14Page - Richtek Technology Corporation RT6318B Datasheet HTML 15Page - Richtek Technology Corporation RT6318B Datasheet HTML 16Page - Richtek Technology Corporation RT6318B Datasheet HTML 17Page - Richtek Technology Corporation RT6318B Datasheet HTML 18Page - Richtek Technology Corporation RT6318B Datasheet HTML 19Page - Richtek Technology Corporation RT6318B Datasheet HTML 20Page - Richtek Technology Corporation RT6318B Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
RT6318B/C
17
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT
IN
OUT
IN
SW
L
V(V
V
)
L
Vf
I

 
Once an inductor value is chosen, the ripple current (
ΔIL)
is calculated to determine the required peak inductor
current.




OUT
IN
OUT
L
IN
SW
L
L(PEAK)
OUT(MAX)
V(V
V
)
I
and
Vf
L
I
II
2
To guarantee the required output current, the inductor
needs a saturation current rating and a thermal rating that
exceeds IL(PEAK). These are minimum requirements. To
maintain control of inductor current in overload and short-
circuit conditions, some applications may desire current
ratings up to the current limit value. However, the IC's
output under-voltage shutdown feature make this
unnecessary for most applications.
For best efficiency, choose an inductor with a low DC
resistance that meets the cost and size requirements.
For low inductor core losses some type of ferrite core is
usually best and a shielded core type, although possibly
larger or more expensive, will probably give fewer EMI
and other noise problems.
Input Capacitor Selection
High quality ceramic input decoupling capacitor, such as
X5R or X7R, with values greater than 20
μF are
recommended for the input capacitor. The X5R and X7R
ceramic capacitors are usually selected for power regulator
is generally flexible and is ultimately chosen to obtain the
best mix of cost, physical size, and circuit efficiency.
Lower inductor values benefit from reduced size and cost
and they can improve the circuit’s transient response,
but they increase the inductor ripple current and output
voltage ripple and reduce the efficiency due to the resulting
higher peak currents. Conversely, higher inductor values
increase efficiency, but the inductor will either be physically
larger or have higher resistance since more turns of wire
are required and transient response will be slower since
more time is required to change current (up or down) in
the inductor. Calculate the approximate inductor value by
selecting the input and output voltages, the switching
frequency (fSW), the maximum output current (IOUT(MAX))
and estimating a
ΔIL as some percentage of that current.
capacitors because the dielectric material has less
capacitance variation and more temperature stability.
Voltage rating and current rating are the key parameters
when selecting an input capacitor. Generally, selecting an
input capacitor with voltage rating 1.5 times greater than
the maximum input voltage is a conservatively safe design.
The input capacitor is used to supply the input RMS
current, which can be calculated using the following
equation :
2
2
OUT
OUT
L
RMS
OUT
IN
IN
VV
I
I(1
) I
VV
12




The next step is to select a proper capacitor for RMS
current rating. One good design uses more than one
capacitor with low Equivalent Series Resistance (ESR) in
parallel to form a capacitor bank. The input capacitance
value determines the input ripple voltage of the regulator.
The input voltage ripple can be approximately calculated
using the following equation :
OUT
IN
OUT
IN
IN
SW
OUT
IN
IV
V
V(1
)
Cf
V
V

 

The typical operating circuit is recommended to use two
10
μF low ESR ceramic capacitors on the input.
Output Capacitor Selection
The IC is optimized for ceramic output capacitors and best
performance will be obtained by using them. The total
output capacitance value is usually determined by the
desired output voltage ripple level and transient response
requirements for sag (undershoot on positive load steps)
and soar (overshoot on negative load steps).
Output ripple at the switching frequency is caused by the
inductor current ripple and its effect on the output
capacitor's ESR and stored charge. These two ripple
components are called ESR ripple and capacitive ripple.
Since ceramic capacitors have extremely low ESR and
relatively little capacitance, both components are similar
in amplitude and both should be considered if ripple is
critical.
RIPPLE
RIPPLE(ESR)
RIPPLE(C)
RIPPLE(ESR)
L
ESR
L
RIPPLE(C)
OUT
SW
VV
V
VI
R
I
V
8C
f

 




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com