Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6318B Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT6318B
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6318B Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT6318B Datasheet HTML 17Page - Richtek Technology Corporation RT6318B Datasheet HTML 18Page - Richtek Technology Corporation RT6318B Datasheet HTML 19Page - Richtek Technology Corporation RT6318B Datasheet HTML 20Page - Richtek Technology Corporation RT6318B Datasheet HTML 21Page - Richtek Technology Corporation RT6318B Datasheet HTML 22Page - Richtek Technology Corporation RT6318B Datasheet HTML 23Page - Richtek Technology Corporation RT6318B Datasheet HTML 24Page - Richtek Technology Corporation RT6318B Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
RT6318B/C
23
DS6318B/C-01 December 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Trace Width Design
For thermal, efficiency and PCB handling current capability,
the trace width design is very important. According to IPC-
2221 formally IDC-D-275 PWB, the following formulas can
be used to calculate the trace width for printed circuit
boards.
Inner trace :
0.5453
2 0.7349
I(Amp) = 0.015
T( C)
Area(mils )
 
2
Area(mils )
Width(mil) =
mil
Thickness(oz) 1.37
oz



where
I(Amp) = Current,
ΔT(°C) = Temperature rise,
Area(mils2) = Cross sectional area = Width x Thickness,
Width(mil) = Trace width, and
Thickness(oz) = Layer Cu thickness.
Trace
PCB
Cooper Plane
Area
Width
Thickness
Outer trace :
0.4281
2 0.6732
I(Amp) = 0.0647
T( C)
Area(mils )
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com