Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 16Page - Texas Instruments OPA186DBVT Datasheet HTML 17Page - Texas Instruments OPA186DBVT Datasheet HTML 18Page - Texas Instruments OPA186DBVT Datasheet HTML 19Page - Texas Instruments OPA186DBVT Datasheet HTML 20Page - Texas Instruments OPA186DBVT Datasheet HTML 21Page - Texas Instruments OPA186DBVT Datasheet HTML 22Page - Texas Instruments OPA186DBVT Datasheet HTML 23Page - Texas Instruments OPA186DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of
RF signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has
a higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but
this section provides the EMIRR +IN, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
• Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
• The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance
• EMIRR is more simple to measure on noninverting pins than on other pins because the noninverting
input terminal can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the
noninverting input terminal with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier can result in adverse effects,
as there is insufficient amplifier loop gain to correct for signals with spectral content outside the bandwidth.
Conducted or radiated EMI on inputs, power supply, or output can result in unexpected dc offsets, transient
voltages, or other unknown behavior. Take care to properly shield and isolate sensitive analog nodes from noisy
radio signals and digital clocks and interfaces.
Figure 7-2 shows the EMIRR +IN of the OPAx186 plotted versus frequency. The OPAx186 unity-gain bandwidth
is 750 kHz. EMIRR performance less than this frequency denotes interfering signals that fall within the op-amp
bandwidth.
7.3.4.1 EMIRR +IN Test Configuration
Figure 7-3 shows the circuit configuration for testing the EMIRR +IN. An RF source is connected to the op-amp
noninverting input pin using a transmission line. The op amp is configured in a unity-gain buffer topology with
the output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance mismatch
at the op amp input causes a voltage reflection; however, this effect is characterized and accounted for when
determining the EMIRR IN+. The multimeter samples and measures the resulting dc offset voltage. The LPF
isolates the multimeter from residual RF signals that can interfere with multimeter accuracy.
+
±
50
Digital
Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
V+
V±
Not shown: 0.1 µF and 10 µF supply decoupling
RF Source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
Low-Pass
Filter
Figure 7-3. EMIRR +IN Test Configuration
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com