Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 27 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 23Page - Texas Instruments OPA186DBVT Datasheet HTML 24Page - Texas Instruments OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments OPA186DBVT Datasheet HTML 30Page - Texas Instruments OPA186DBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Figure 8-3 shows the complete OPAx186 high-side current monitor. The circuit is capable of monitoring a current
range of < 1 A to 11 A, with a VCM very close to the 24-V supply voltage.
+
–
+ 24 V –
VO = 300 mV to 3.3 V
+
24 V
–
RL = 10 m
R1 = 1 k
R2 = 30 k
R3 = 1 k
R4 = 30 k
OPA2186
IL
Load Current
1 A to 11 A
µController
ADC
+ 3.3 V –
Figure 8-3. OPAx186 Configured as a High-Side Current Monitor
In this example, the OPAx186 output voltage is intentionally limited to 3.3 V. However, because of the 24-V
supply, the output voltage can be much higher to allow for a higher-voltage data converter with a higher dynamic
range.
The circuit in Figure 8-3 was checked using the TINA Spice circuit simulation tool to verify the correct operation
of the OPAx186 high-side current monitor. The simulation results are seen in Figure 8-4. The performance is
exactly as expected. Upon careful inspection of the plots, one possible surprise is that VO continues towards
zero as the sense current drops below 1 A, where VO is 300 mV and less.
+
–
+ 24 V –
VO = 300 mV to 3.3 V
+
24 V
–
RL = 10 m
R1 = 1 k
R2 = 30 k
R3 = 1 k
R4 = 30 k
OPA2186
IL
Load Current
1 A to 11 A
µController
ADC
+ 3.3 V –
Figure 8-4. OPAx186 High-Side Current-Monitor Simulation Schematic
The OPAx186 output, as well as other CMOS output amplifiers, often swing closer to 0 V than the linear
output parameters suggest. The voltage output swing, VO (see the Electrical Characteristics table), is not an
indication of the linear output range, but rather how close the output can move towards the supply rail. In that
region, the amplifier output approaches saturation, and the amplifier ceases to operate linearly. Thus, in the
current-monitor application, the current-measurement capability can continue to much less than the 300-mV
output level. However, keep in mind that the linearity errors are becoming large.
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com