Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments OPA186DBVT Datasheet HTML 30Page - Texas Instruments OPA186DBVT Datasheet HTML 31Page - Texas Instruments OPA186DBVT Datasheet HTML 32Page - Texas Instruments OPA186DBVT Datasheet HTML 33Page - Texas Instruments OPA186DBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
8.4 Layout
8.4.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices:
• For the lowest offset voltage, avoid temperature gradients that create thermoelectric (Seebeck) effects in the
thermocouple junctions formed from connecting dissimilar conductors. Also:
– Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
– Thermally isolate components from power supplies or other heat sources.
– Shield operational amplifier and input circuitry from air currents, such as cooling fans.
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and the op amp
itself. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close as possible to the device. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current. For more detailed information, see the
The PCB is a component of op amp design analog application journal.
• To reduce parasitic coupling, run the input traces as far away as possible from the supply or output traces. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as opposed
to in parallel with the noisy trace.
• Place the external components as close as possible to the device. As Figure 8-7 shows, keep the feedback
resistor (R3) and gain resistor (R4) close to the inverting input to minimize parasitic capacitance.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• For best performance, clean the PCB following board assembly.
• Any precision integrated circuit can experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, bake the PCB assembly to remove moisture
introduced into the device packaging during the cleaning process. A low-temperature, post-cleaning bake
at 85°C for 30 minutes is sufficient for most circumstances.
8.4.2 Layout Example
Use a low-ESR,
ceramic bypass
capacitor
Place components
close to device and to
each other to reduce
parasitic errors
Use ground pours for
shielding the input
signal pairs
1
NC
8
NC
2
–IN
7
V+
3
+IN
6
OUT
4
V–
5
NC
R1
R3
R2
R4
C1
C2
C3
C4
GND
GND
+V
–V
Place bypass
capacitors as close to
device as possible
(avoid use of vias)
IN–
IN+
OUT
+
–
1
NC
8
NC
2
–IN
7
V+
3
+IN
6
OUT
4
V–
5
NC
+V
C3
C4
R3
R1
C1
C2
–V
OUT
R2
R4
IN–
IN+
Figure 8-7. Operational Amplifier Board Layout for Difference Amplifier Configuration
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com