Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 25 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 21Page - Texas Instruments OPA186DBVT Datasheet HTML 22Page - Texas Instruments OPA186DBVT Datasheet HTML 23Page - Texas Instruments OPA186DBVT Datasheet HTML 24Page - Texas Instruments OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
8.2 Typical Applications
8.2.1 High-Side Current Sensing
+
–
+ 24 V –
VO
+
24 V
–
RL
R1
R2
R3
R4
OPA2186
IL
Load Current
R1 = R3, R2 = R4
Figure 8-2. High-Side Current Monitor
8.2.1.1 Design Requirements
A common systems requirement is to monitor the current being delivered to a load. Monitoring makes sure that
normal current levels are being maintained, and also provides an alert if an overcurrent condition occurs.
Fortunately, a relatively simple current monitor design can be achieved using a precision rail-to-rail input/output
op amp such as the OPAx186. This device has an input common-mode voltage (VCM) range that extends
200 mV beyond each power supply rail allowing for operation at the supply rail.
The OPAx186 is configured as a difference amplifier with a predetermined gain. The difference amplifier
inputs are connected across a sense resistor through which the load current flows. The sense resistor can be
connected to the high side or low side of the circuit through which the load current flows. Commonly, high-side
current sensing is applied. Figure 8-2 shows an applicable OPAx186 configuration. Low-side current sensing can
be applied as well if the sense resistor can be placed between the load and ground.
Use the following parameters for this design example:
• Single supply: 24 V
• Linear output voltage range: 0.3 V to 3.3 V
• Load current, IL: 1 A to 11 A
The following design details and equations can be used to reconfigure this design for different output voltage
ranges and current loads.
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com