Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 7Page - Texas Instruments OPA186DBVT Datasheet HTML 8Page - Texas Instruments OPA186DBVT Datasheet HTML 9Page - Texas Instruments OPA186DBVT Datasheet HTML 10Page - Texas Instruments OPA186DBVT Datasheet HTML 11Page - Texas Instruments OPA186DBVT Datasheet HTML 12Page - Texas Instruments OPA186DBVT Datasheet HTML 13Page - Texas Instruments OPA186DBVT Datasheet HTML 14Page - Texas Instruments OPA186DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Common-mode Voltage (V)
-12.5 -10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
-50
-40
-30
-20
-10
0
10
20
30
40
50
IB-
IB+
Figure 6-7. Input Bias Current vs Common-Mode Voltage
Frequency (Hz)
-30
-30
0
0
30
30
60
60
90
90
120
120
150
150
180
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
Figure 6-8. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-20
-10
0
10
20
30
100
1k
10k
100k
1M
10M
G = 1
G= 1
G= 10
Figure 6-9. Closed-Loop Gain vs Frequency
Temperature (°C)
-50
-25
0
25
50
75
100
125
-0.5
0
0.5
1
1.5
2
2.5
IB-
IB+
IOS
Figure 6-10. Input Bias Current and Offset Current vs
Temperature
Output Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
-40qC
25qC
85qC
125qC
Figure 6-11. Output Voltage Swing vs
Output Current (Sourcing)
Output Current (mA)
0
3
6
9
12
15
18
21
24
27
-12.5
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
-40qC
25qC
85qC
125qC
Figure 6-12. Output Voltage Swing vs
Output Current (Sinking)
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com