Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA186DBVT Datasheet HTML 1Page - Texas Instruments OPA186DBVT Datasheet HTML 2Page - Texas Instruments OPA186DBVT Datasheet HTML 3Page - Texas Instruments OPA186DBVT Datasheet HTML 4Page - Texas Instruments OPA186DBVT Datasheet HTML 5Page - Texas Instruments OPA186DBVT Datasheet HTML 6Page - Texas Instruments OPA186DBVT Datasheet HTML 7Page - Texas Instruments OPA186DBVT Datasheet HTML 8Page - Texas Instruments OPA186DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
1 Features
• High precision:
– Offset drift: 0.01 μV/°C
– Low offset voltage: 1 μV
• Low quiescent current: 90 µA
• Excellent dynamic performance:
– Gain bandwidth: 750 kHz
– Slew rate: 0.35 V/µs
• Robust design:
– RFI/EMI filtered inputs
• Rail-to-rail input/output
• Supply range: 4.5 V to 24 V
• Temperature: –40°C to +125°C
2 Applications
• PC PSU and game console unit
• Merchant DC/DC
• Flow transmitter
• Pressure transmitter
• Merchant battery charger
• Electricity meter
3 Description
The OPA186, OPA2186, and OPA4186 (OPAx186)
are low-power, 24-V, rail-to-rail input and output, zero-
drift operational amplifiers (op amps). These op amps
feature only 10 µV of offset voltage (maximum) and
0.04 µV/°C of offset voltage drift over temperature
(maximum). These devices are a great choice for
precision instrumentation, signal measurement, and
active-filtering applications.
The low quiescent current consumption of 90 μA
makes the OPAx186 an excellent option for power-
sensitive applications, such as battery-powered
instrumentation and portable systems.
Moreover, the high common-mode architecture along
with low offset voltage allows for high-side current
shunt monitoring at the positive rail. These devices
also provide robust ESD protection during shipment,
handling, and assembly.
Device Information
PART NUMBER
CHANNELS
PACKAGE(1)
OPA186
Single
D (SOIC, 8)
DBV (SOT-23, 5)
OPA2186
Dual
D (SOIC, 8)
DDF (SOT-23, 8)
OPA4186
Quad
D (SOIC, 14)
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
6 V to 24 V
0 V to 5 V
ADC
Microcontroller
Battery /
Power
Supply
OPAx186
RS
High-Side Current Shunt Monitor Application
Input Common-mode Voltage (V)
-12.5 -10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
-6
-5
-4
-3
-2
-1
0
1
2
3
4
VOS vs Input Common Mode Voltage
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA186DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA186DBVT TI-OPA186DBVT Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
REVISED DECEMBER 2022
More results

Similar Description - OPA186DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_17 Datasheet
2Mb / 34P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
OPA186 TI-OPA186 Datasheet
2Mb / 48P
OPAx186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifiers
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com