Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments OPA186DBVT Datasheet HTML 27Page - Texas Instruments OPA186DBVT Datasheet HTML 28Page - Texas Instruments OPA186DBVT Datasheet HTML 29Page - Texas Instruments OPA186DBVT Datasheet HTML 30Page - Texas Instruments OPA186DBVT Datasheet HTML 31Page - Texas Instruments OPA186DBVT Datasheet HTML 32Page - Texas Instruments OPA186DBVT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
8.2.1.3 Application Curve
Input Current (A)
0
1
2
3
4
5
6
7
8
9
10
11
0
23.8
0.4
23.84
0.8
23.88
1.2
23.92
1.6
23.96
2
24
2.4
24.04
2.8
24.08
3.2
24.12
3.6
24.16
4
24.2
VOUT
VLOAD
Figure 8-5. High-Side Results
8.2.2 Bridge Amplifier
Figure 8-6 shows the basic configuration for a bridge amplifier. Click the following link to download the TINA-TI
file: Bridge Amplifier Circuit.
VEX
R
R
R
R
R1
VREF
VOUT
+5V
Copyright © 2017, Texas Instruments Incorporated
Figure 8-6. Bridge Amplifier
8.3 Power Supply Recommendations
The OPAx186 is specified for operation from 4.5 V to 24 V (±2.25 V to ±12 V); many specifications apply from
–40°C to +125°C.
CAUTION
Supply voltages larger than 40 V can permanently damage the device (see the Absolute Maximum
Ratings table).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high
‑impedance power supplies. For more detailed information on bypass capacitor placement, see Section 8.4.
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com