Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 6Page - Texas Instruments OPA186DBVT Datasheet HTML 7Page - Texas Instruments OPA186DBVT Datasheet HTML 8Page - Texas Instruments OPA186DBVT Datasheet HTML 9Page - Texas Instruments OPA186DBVT Datasheet HTML 10Page - Texas Instruments OPA186DBVT Datasheet HTML 11Page - Texas Instruments OPA186DBVT Datasheet HTML 12Page - Texas Instruments OPA186DBVT Datasheet HTML 13Page - Texas Instruments OPA186DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Input Offset Voltage (µV)
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
4
8
12
16
20
24
28
32
36
40
Figure 6-1. Offset Voltage Distribution
Offset Voltage Drift (µV/°C)
-0.1
-0.075 -0.05 -0.025
0
0.025
0.05
0.075
0.1
0
4
8
12
16
20
24
28
32
36
40
Figure 6-2. Offset Voltage Drift (-40°C to 125C°C)
Input Bias Current (nA)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
6
12
18
24
30
36
42
48
54
60
Figure 6-3. Input Bias Current Distribution
Input Offset Current (pA)
-600
-400
-200
0
200
400
600
0
8
16
24
32
40
48
56
64
72
Figure 6-4. Input Offset Current Distribution
Common-mode Voltage (V)
-12.5 -10
-7.5
-5
-2.5
0
2.5
5
7.5
10
12.5
-20
-10
0
10
20
Figure 6-5. Offset Voltage vs Common-Mode Voltage
Total Supply Voltage (V)
4
6
8
10
12
14
16
18
20
22
24
-4
-2
0
2
4
Figure 6-6. Offset Voltage vs Supply Voltage
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com