Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 5Page - Texas Instruments OPA186DBVT Datasheet HTML 6Page - Texas Instruments OPA186DBVT Datasheet HTML 7Page - Texas Instruments OPA186DBVT Datasheet HTML 8Page - Texas Instruments OPA186DBVT Datasheet HTML 9Page - Texas Instruments OPA186DBVT Datasheet HTML 10Page - Texas Instruments OPA186DBVT Datasheet HTML 11Page - Texas Instruments OPA186DBVT Datasheet HTML 12Page - Texas Instruments OPA186DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = ±12 V, VCM = VS / 2, RL = 10 kΩ (unless otherwise noted)
Table 6-1. Typical Characteristic Graphs
DESCRIPTION
FIGURE
Offset Voltage Distribution
Figure 6-1
Offset Voltage Drift (-40°C to +125C°C)
Figure 6-2
Input Bias Current Distribution
Figure 6-3
Input Offset Current Distribution
Figure 6-4
Offset Voltage vs Common-Mode Voltage
Figure 6-5
Offset Voltage vs Supply Voltage
Figure 6-6
Input Bias Current vs Common-Mode Voltage
Figure 6-7
Open-Loop Gain and Phase vs Frequency
Figure 6-8
Closed-Loop Gain vs Frequency
Figure 6-9
Input Bias Current and Offset Current vs Temperature
Figure 6-10
Output Voltage Swing vs Output Current (Sourcing)
Figure 6-11
Output Voltage Swing vs Output Current (Sinking)
Figure 6-12
CMRR and PSRR vs Frequency
Figure 6-13
CMRR vs Temperature
Figure 6-14
PSRR vs Temperature
Figure 6-15
0.1-Hz to 10-Hz Voltage Noise
Figure 6-16
Input Voltage Noise Spectral Density vs Frequency
Figure 6-17
THD+N vs Frequency
Figure 6-18
THD+N vs Output Amplitude
Figure 6-19
Quiescent Current vs Supply Voltage
Figure 6-20
Quiescent Current vs Temperature
Figure 6-21
Open-Loop Gain vs Temperature (10 kΩ)
Figure 6-22
Open-Loop Gain vs Temperature (2 kΩ)
Figure 6-23
Open-Loop Output Impedance vs Frequency
Figure 6-24
Small-Signal Overshoot vs Capacitive Load (Gain = –1, 10-mV step)
Figure 6-25
Small-Signal Overshoot vs Capacitive Load (Gain = 1, 10-mV step)
Figure 6-26
No Phase Reversal
Figure 6-27
Positive Overload Recovery
Figure 6-28
Negative Overload Recovery
Figure 6-29
Small-Signal Step Response (Gain = 1, 10-mV step)
Figure 6-30
Small-Signal Step Response (Gain = –1, 10-mV step)
Figure 6-31
Large-Signal Step Response (Gain = 1, 10-V step)
Figure 6-32
Large-Signal Step Response (Gain = –1, 10-V step)
Figure 6-33
Phase Margin vs Capacitive Load
Figure 6-34
Settling Time (1-V Step, 0.1% Settling)
Figure 6-35
Short Circuit Current vs Temperature
Figure 6-36
Maximum Output Voltage vs Frequency
Figure 6-37
EMIRR vs Frequency
Figure 6-38
Channel Separation
Figure 6-39
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com