Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA186DBVT Datasheet HTML 1Page - Texas Instruments OPA186DBVT Datasheet HTML 2Page - Texas Instruments OPA186DBVT Datasheet HTML 3Page - Texas Instruments OPA186DBVT Datasheet HTML 4Page - Texas Instruments OPA186DBVT Datasheet HTML 5Page - Texas Instruments OPA186DBVT Datasheet HTML 6Page - Texas Instruments OPA186DBVT Datasheet HTML 7Page - Texas Instruments OPA186DBVT Datasheet HTML 8Page - Texas Instruments OPA186DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Pin Configuration and Functions
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
Figure 5-1. OPA186: D Package, 8-Pin SOIC
(Top View)
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
Figure 5-2. OPA186: DBV Package, 5-Pin SOT-23
(Top View)
Table 5-1. Pin Functions: OPA186
PIN
TYPE
DESCRIPTION
NAME
NO.
D (SOIC)
DBV (SOT-23)
–IN
4
2
Input
Inverting input
+IN
3
3
Input
Noninverting input
OUT
1
6
Output
Output
V–
2
4
Power
Negative (lowest) power supply
V+
5
7
Power
Positive (highest) power supply
NC
—
1, 8, 5
—
No connection (can be left floating)
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 5-3. OPA2186: D Package, 8-Pin SOIC and DDF Package, 8-Pin SOT-23 (Top View)
Table 5-2. Pin Functions: OPA2186
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input channel A
+IN A
3
Input
Noninverting input channel A
–IN B
6
Input
Inverting input channel B
+IN B
5
Input
Noninverting input channel B
OUT A
1
Output
Output channel A
OUT B
7
Output
Output channel B
V–
4
Power
Negative supply
V+
8
Power
Positive supply
www.ti.com
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com