Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA186DBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA186DBVT
Description  OPAx186 Precision, Rail-to-Rail Input/Output, 24-V, Zero-Drift Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA186DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA186DBVT Datasheet HTML 18Page - Texas Instruments OPA186DBVT Datasheet HTML 19Page - Texas Instruments OPA186DBVT Datasheet HTML 20Page - Texas Instruments OPA186DBVT Datasheet HTML 21Page - Texas Instruments OPA186DBVT Datasheet HTML 22Page - Texas Instruments OPA186DBVT Datasheet HTML 23Page - Texas Instruments OPA186DBVT Datasheet HTML 24Page - Texas Instruments OPA186DBVT Datasheet HTML 25Page - Texas Instruments OPA186DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Figure 7-4 shows a specific example where the input voltage (VIN) exceeds the positive supply voltage (V+)
by 500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If V+ can
sink the current, one of the upper input steering diodes conducts and directs current to +VS. Excessively high
current levels can flow with increasingly higher VIN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN can begin sourcing current to the operational amplifier, and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies V+ or V– are at 0 V. Again, this question depends on the supply characteristic while at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the operational
amplifier supply current can be supplied by the input source through the current-steering diodes. This state is
not a normal biasing condition for the amplifier and can result in specification degradation or abnormal operation.
If the supplies are low impedance, then the current through the steering diodes can become quite high. The
current level depends on the ability of the input source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external Zener diodes to
the supply pins; see also Figure 7-4. The Zener voltage must be selected such that the diode does not turn on
during normal operation. However, the Zener voltage must be low enough so that the Zener diode conducts if the
supply pin begins to rise above the safe operating supply voltage level.
7.3.6 MUX-Friendly Inputs
The OPAx186 features a proprietary input stage design that allows an input differential voltage to be applied
while maintaining high input impedance. Typically, high-voltage CMOS or bipolar-junction input amplifiers feature
antiparallel diodes that protect input transistors from large VGS voltages that can exceed the semiconductor
process maximum and permanently damage the device. Large VGS voltages can be forced when applying a
large input step, switching between channels, or attempting to use the amplifier as a comparator.
The OPAx186 solves these problems with a switched-input technique that prevents large input bias currents
when large differential voltages are applied. This input architecture addresses many issues seen in switched or
multiplexed applications, where large disruptions to RC filtering networks are caused by fast switching between
large potentials. The OPAx186 offers outstanding settling performance as a result of these design innovations
and built-in slew-rate boost and wide bandwidth. The OPAx186 can also be used as a comparator. Differential
and common-mode input ranges still apply.
7.4 Device Functional Modes
The OPAx186 has a single functional mode, and is operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx186 is 24 V (±12 V).
OPA186, OPA2186, OPA4186
SBOS968C – JUNE 2022 – REVISED JULY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA186 OPA2186 OPA4186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com