Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 13Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 14Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 15Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
January 16, 2020
0.41
ES9028Q2M Datasheet
17
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
Register #10: Master Mode Control
8 bit, Read-Write Register, Default = 0x2
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
master_clock_enable
clock_divider_select
sync_mode
stop_div
Default
0
0
0
0
0
0
1
0
Bit
Mnemonic
Description
[7]
master_clock_enable
1’b0 disables master mode (default)
1’b1 enables master mode (driving Bit clock and Frame Clock)
[6:5]
clock_divider_select
2
’b00: Bit Clock frequency = MCLK / 4 (default)
2
’b01: Bit Clock frequency = MCLK / 8
2
’b10: Bit Clock frequency = MCLK / 16
2
’b11: Bit Clock frequency = MCLK / 16
Frame Clock frequency = Bit Clock frequency / 64
[4]
sync_mode
1’b0 for normal operation of the DPLL and ASRC.
1
’b1 to enable quick lock if the fs & MCLK are synchronous & MCLK is 128 x FSR.
Note: quick lock can only be used in PCM normal mode
[3:0]
stop_div
Sets the number of FSR edges that must occur before the DPLL and
ASRC can lock on to the incoming signal.
4
’d0 = 16384 FSR edges
4
’d1 = 8192 FSR edges
4
’d2 = 5461 FSR edges (default)
4
’d3 = 4096 FSR edges
4
’d4 = 3276 FSR edges
4
’d5 = 2730 FSR edges
4
’d6 = 2340 FSR edges
4
’d7 = 2048 FSR edges
4
’d8 = 1820 FSR edges
4
’d9 = 1638 FSR edges
4
’d10 = 1489 FSR edges
4
’d11 = 1365 FSR edges
4
’d12 = 1260 FSR edges
4
’d13 = 1170 FSR edges
4
’d14 = 1092 FSR edges
4
’d15 = 1024 FSR edges
For correct operation, master mode
should only be enabled when the DAC’s input mode is set to I2S, and when i2s_length is
set to 32-bit and i2s_mode is set to I2S in register 1.
When master mode is enabled, the DATA_CLK pin will output Bit Clock and the DATA1 pin will output Frame Clock at
frequencies specified by clock divider select.
When PCM data with FSR > 96kHz
is used, stop_div should be set to 4’d0 (16384 FSR edges).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com