Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 34Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 35Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
32
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Positive Supply Voltage (VCCA, AVCC_L, AVCC_R, DVCC)
+4.7V with respect to GND
Positive Supply Voltage (DVDD)
+1.8V with respect to GND
Output Voltage Range (DACL, DACR, DACLB, DACRB)
GND < Vout < AVCC
Storage Temperature Range
–65
C to +150C
Operating Junction Temperature
+125
C
Voltage range for Digital Input Pins
–0.3V to DVCC+ 0.3V
ESD Protection
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
2000V
200V
500V
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure
to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
–20
C to +70C
Power Supply
Symbol
Voltage
Current nominal
(Note 1)
Current standby
(Notes 1, 2)
Digital power supply voltage
DVCC
+1.8V
5%
+3.3V
5%
22mA
23mA
0mA
0mA
Internal Digital Core supply
DVDD
+1.2V (typical)
NA
NA
External Digital Core supply
DVDD
+1.3V
5% (Note 3)
47mA
0mA
Analog core supply voltage
VCCA
+3.3V
5%
2mA
0mA
Analog power supply voltage
(must be low-noise supplies)
AVCC_L
AVCC_R
+3.3V
5%
11mA
0mA
Total Power
DVCC = +1.8V
DVCC = +3.3V
83mW
120mW
< 1mW
Notes
1) fs = 44.1kHz, external MCLK = 40MHz, 0dB 1kHz output, I2S input, output unloaded, internal DVDD, all external supply voltages at
nominal center values
2) Measured with RESETB held low after setting the soft_start bit in register 14 to 1’b0 to fully ramp the DAC outputs to ground
3) Internal DVDD should be used except under the conditions described on page 8. External +1.3V DVDD is required above the
operating frequencies described on page 8. The external supply voltage should be greater than the internal +1.2V supply so the
internal regulator is disabled. DVDD current is measured with MCLK = 100MHz.
DC ELECTRICAL CHARACTERISTICS
Symbol Parameter
Minimum
Maximum
Unit
Comments
VIH
High-level input voltage
DVCC / 2 + 0.4
V
VIL
Low-level input voltage
0.4
V
VOH
High-level output voltage
DVCC - 0.2
V
IOH = 100
A
VOL
Low-level output voltage
0.2
V
IOL = 100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com