Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9028Q2M Datasheet HTML 1Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
4
PIN DESCRIPTIONS
Pin
Name
Pin Type
Reset State
Pin Description
1
ADDR
I
Tri-stated
I2C Address Select
2
DMODE
I
-
Bus type select:
1'b0 for normal serial mode, 1'b1 => SLIMbus mode
3
VCCA
Power
Power
Analog +3.3V for OSC
4
XOUT
AO
Floating
XTAL Output
5
XI (MCLK)
AI
Floating
XTAL / MCLK Input
6
AGND
Ground
Ground
Analog Ground
7
AGND_R
Ground
Ground
Analog Ground for the Right Channel
8
AVCC_R
Power
Power
Analog AVCC for the Right Channel
9
DACRB
AO
Driven to ground
Differential Negative Output for the Right Channel
10
DACR
AO
Driven to ground
Differential Positive Output for the Right Channel
11
BIAS
O
1’b0
General I/O. Controlled by software
12
SW
O
1’b0
General I/O. Can be connected to switch input of SABRE9602
13
FSYNC
O
-
General I/O. Can be connected to FSYNC of SABRE9602
14
HPSDb
O
1’b0
General I/O. Controlled by software.
Can be connected to Headphone Shutdown of SABRE9602
15
DACL
AO
Driven to ground
Differential Positive Output for the Left Channel
16
DACLB
AO
Driven to ground
Differential Negative Output for the Left Channel
17
NC
-
-
No internal connection. May be grounded if desired
18
AVCC_L
Power
Power
Analog AVCC for the Left Channel
19
AGND_L
Ground
Ground
Analog Ground for the Left Channel
20
VCCA
Power
Power
Analog +3.3V for OSC
21
DVCC
Power
Power
Digital +1.8V to +3.3V
22
DGND
Ground
Ground
Digital Ground
23
DVDD
Power
(Internal /
External)
Power
Digital Core Voltage, nominally +1.2V, is supplied by a regulator
from DVCC. DVDD should be decoupled with a minimum 4.7
F
capacitor to DGND. DVDD needs to be externally supplied for
high XI / MCLK frequency. Please refer to the section about the
DVDD supply on page 8 for additional information.
24
GPIO2
I/O
Tri-stated
GPIO 2
25
GPIO1
I/O
Tri-stated
GPIO 1
26
DATA2
I
Tri-stated
DSD Data2 (R) or PCM Data CH1/CH2 or SPDIF Input 2
27
DATA1
I/O
Tri-stated
Master mode off: Input for DSD Data1 (L) or PCM Frame Clock
or SPDIF Input 3
Master mode on: Output for PCM Frame Clock
28
DATA_CLK
I/O
Tri-stated
Master mode off: Input for PCM Bit Clock or DSD Bit Clock
or SPDIF Input 1
Master mode on: Output for PCM Bit Clock
29
RESETB
I
Tri-stated
Master Reset / Power Down (active low)
30
DGND
Ground
Ground
Digital Ground
31
SCL
I
Tri-stated
I2C Serial Clock Input
32
SDA
I/O
Tri-stated
I2C Serial Data Input/Output
Exposed
Pad
AGND
Ground
Ground
The exposed pad must be connected to Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com