Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
20
Register #13: THD Compensation
8-bit, Read-Write Register, Default = 0x40
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved *
bypass_thd
reserved *
Default
0
1
0
0
0
0
0
0
Bit
Mnemonic
Description
[7]
reserved
[6]
bypass_thd
1’b0: enable THD compensation
•
output = input + (input2) x thd_comp_c2 + (input3) x thd_comp_c3
•
thd_comp_c2 is stored in registers 23-22 (16 bits signed) (register 23 stores MSBs)
•
thd_comp_c3 is stored in registers 25-24 (16 bits signed) (register 25 stores MSBs)
1’b1: disable THD compensation (default)
•
PCM mode: output = input; DSD mode: output = input / 2
[5:0]
reserved
* All reserved Bits in Register #13 must be set to the indicated logic level to ensure correct device operation
THD compensation can be used to reduce the 2nd and 3rd harmonic distortion introduced by external output drivers.
A system level tuning is required to arrive at the optimum coefficients for thd_comp_c2 and thd_comp_c3.
Notes
•
To get the same gain (output = input) for PCM and DSD modes without THD compensation, bypass_thd should be set to
1’b0 with thd_comp_c2 and thd_comp_c3 set to 16’d0 (default)
•
Erroneous compensation can lead to higher distortion than the one without compensation. If accurate tuning cannot be
performed, thd_comp_c2 and thd_comp_c3 should be set to
16’d0 (default) if bypass_thd is set to 1’b0.
Register #14: Soft Start Settings
8 bit, Read-Write Register, Default = 0x8A
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
soft_start
soft_start_on_lock
mute_on_lock
soft_start_time
Default
1
0
0
0
1
0
1
0
Bit
Mnemonic
Description
[7]
soft_start
1
’b0: Ramp the output stream to ground
1
’b1: Normal operation (default) – ramp the output stream to ½ x AVCC_L/R
[6]
soft_start_on_lock
1’b0: Do not force output low when lock is lost (default)
1’b1: Force output low when lock is lost
[5]
mute_on_lock
1’b0: Do not force a mute when lock is lost (default)
1’b1: Force a mute when lock is lost
[4:0]
soft_start_time
Time for soft start ramp
= 4096 x 2(soft_start_time+1) / MCLK seconds (where MCLK is measured in Hz).
The valid range of soft-start_time is from 0 to 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com