Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 28 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 28 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 32Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
28
Register #69-66: DPLL Ratio
32 bit, Read-Only Register. Register #69 contains the MSBs, Register #66 contains the LSBs
Bits
[31:0]
Mnemonic
dpll_num
This is a read-only 32bit value that can be used to calculate the sample rate. The raw sample rate (FSR) can be calculated
using: FSR = (DPLL_NUM x FMCLK) / 232.
Note that the DPLL number (register 66-69) should be read from LSB to MSB as it is latched on the LSBs (register 66).
Register #74-70: Channel Status
Register #74 contains the MSBs, Register #70 contains the LSBs Format is [191:0]
These registers allow read back of the SPDIF channel status. The status definition is different for the consumer configuration
and professional configuration. Please refer to the following two tables for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com