Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 27 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 27 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 31Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
January 16, 2020
0.41
ES9028Q2M Datasheet
27
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
Register #43: SLIMbus Control
8-bit, Read-Write Register, Default = 0x00
Bits
[7:4]
[3]
[2]
[1]
[0]
Mnemonic
reserved *
sb_aux_wk_en
sb_aux_wk_override
sb_drv_strength_en
sb_drv_strength_override
Default
0
0
0
0
0
Bit
Mnemonic
Description
[7:4]
reserved *
[3]
sb_aux_wk_en
1’b1 = enables the aux weak enable (only when override is set to 1’b1)
1’b0 = disables the aux weak enable (default)
[2]
sb_aux_wk_override
1’b1 = enables the override on SLIMbus aux weak
1’b0 = disables the override on SLIMbus aux weak (default)
[1]
sb_drv_strength_en
1’b1 = sets the SLIMbus drive strength enable (only when override is set to 1’b1)
1’b0 = disables the SLIMbus drive strength enable (default)
[0]
sb_drv_strength_override
1’b1 = enables the override on SLIMbus drive strength
1’b0 = disables the override on SLIMbus drive strength (default)
* All Reserved Bits in Register #43 must be set to the indicated logic level to ensure correct device operation.
Register #64: Chip Status
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
revision
chip_id
automute_status
lock_status
Bit
Mnemonic
Description
[7:6]
reserved
[5]
revision
0
’
[4:2]
chip_id
3’d1 => ES9028Q2M
[1]
automute_status
1
’b0 => Automute condition is inactive.
1’b1 => Automute condition is active.
[0]
lock_status
1
’b0 => The Jitter Eliminator is not locked to an incoming signal.
1’b1 => The Jitter Eliminator is locked to an incoming signal.
Register #65: GPIO Status
8 bit, Read-Only Register
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
reserved
gpio_I[1:0]
Bit
Mnemonic
Description
[7:2]
reserved
[1]
gpio_I[1]
Status of pin GPIO2
[0]
gpio_I[0]
Status of pin GPIO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com