Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 5 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 5 Page - ESS Technology,Inc

  ES9028Q2M Datasheet HTML 1Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
January 16, 2020
0.41
ES9028Q2M Datasheet
5
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
FUNCTIONAL DESCRIPTION
NOTATATIONS for Sampling Rates
Mode
fs (target sample rate)
FSR (raw sample rate)
DSD
DATA_CLK / 64
DSD data rate
Serial (PCM) Normal Mode
Frame Clock Rate
Frame Clock Rate
Serial (PCM) OSF Bypass Mode
Frame Clock Rate / 8
Frame Clock Rate
SPDIF
SPDIF Sampling Rate
SPDIF Sampling Rate
PCM, SPDIF and DSD Pin Connections
PCM Audio Format
Notes:
XI clock (MCLK) must be > 192 x FSR when using PCM input (normal mode), or 128 x FSR (synchronous MCLK).
XI clock (MCLK) must be > 24 x FSR when using PCM input (OSF bypass mode).
Pin Name
Description
DATA1
Frame clock
DATA2
2-channel PCM serial data
DATA_CLK
Bit clock for PCM audio format
Master Mode (32-bit data only)
W
hen Register #1 ‘input_select’ is set to 2’d0 (I2S) and ‘i2s_length’ is set to 2’d2 (32-bit), the DAC can become a
master for Bit Clock and Frame Clock by setting Register #10
‘master clock enable’ to 1’b1. The Bit Clock frequency
can be configured to MCLK / 4, MCLK / 8 or MCLK / 16 by setting Register #10
‘clock divider select’ to 2’b00, 2’b01
or 2’b10. GPIO 1 (or 2) can be configured to output MCLK by setting Register #8 gpio1_cfg (or gpio2_cfg) to 4’d3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com