Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 19 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 19 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 15Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 16Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 17Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 18Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 19Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 20Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 23Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
January 16, 2020
0.41
ES9028Q2M Datasheet
19
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
Register #12: DPLL/ASRC Settings
8 bit, Read-Write Register, Default = 0x5A
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
dpll_bw_i2s
dpll_bw_dsd
Default
0
1
0
1
1
0
1
0
Bit
Mnemonic
Description
[7:4]
dpll_bw_i2s
DPLL bandwidth setting for I2S and SPDIF modes (16 settings)
4’b0000 : OFF
4’b0001 : Lowest Bandwidth
4’b0101 : (default)
4’b1010 :
4’b1111 : Highest Bandwidth
[3:0]
dpll_bw_dsd
DPLL bandwidth setting for DSD mode (16 settings)
4’b0000 : OFF
4’b0001 : Lowest Bandwidth
4’b0101 :
4’b1010 : (default)
4’b1111 : Highest Bandwidth
The ES9028Q2M contains a Jitter Eliminator block, which employs the use of a digital phase locked loop (DPLL) to lock to
the incoming audio clock rate. When in I2S or SPDIF mode, the DPLL will lock to the frame clock (1 x fs). However, when in
DSD mode, the DPLL has no frame clock information, and must instead lock to the bit clock rate (BCK). For this reason,
there are two bandwidth settings for the DPLL.
Register #12 [7:4] (0x05 default) contains the bandwidth setting for I2S / SPDIF mode.
Register #12 [3:0] (0x0A default) contains the bandwidth setting for DSD mode.
The DPLL bandwidth sets how quickly the DPLL can adjust its internal representation of the audio clock. The higher the jitter
or frequency drift on the audio clock, the higher the DPLL bandwidth must be so that the DPLL can react.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com