Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 25 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 25 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 21Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 29Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
January 16, 2020
0.41
ES9028Q2M Datasheet
25
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
Register #26: Programmable Filter Address
8 bit, Read-Write Register, Default = 0x00
Bits
[7]
[6:0]
Mnemonic
prog_coeff_stage
prog_coeff_addr
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7]
prog_coeff_stage
Selects which stage of the filter to write.
1’b0 = Stage 1 of the oversampling filter (128 coefficients).
1
’b1 = Stage 2 of the oversampling filter (16 coefficients).
[6:0]
prog_coeff_addr
Selects the coefficient address when writing custom coefficients
for the oversampling filter.
Register #29-27: Programmable Filter Coefficient
8 bit, Read-Write Register, Default = 0x000000
Bits
[23:0]
Mnemonic
prog_coeff
Default
24’d0
Bit
Mnemonic
Description
[23:0]
prog_coeff
A 24-bit filter coefficient that will be written to address
‘prog_coeff_addr’.
Register #30: Programmable Filter Control
8 bit, Read-Write Register, Default = 0x00
Bits
[7:3]
[2]
[1]
[0]
Mnemonic
reserved *
even_stage2_coeff
prog_coeff_we
prog_coeff_en
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
[7:3]
reserved *
[2]
even_stage2_coeff
Sets the type of symmetry of the stage 2 programmable filter.
1
’b0 = Uses a sine symmetric filter (27 coefficients).
1
’b1 = Uses a cosine symmetric filter (28 coefficients).
[1]
prog_coeff_we
1
’b0 = Disable writing to the custom filter coefficients.
1
’b1 = Enable writing to the custom filter coefficients.
Note: When set to 1
’b1 the custom filter will be bypassed
regardless of the state of register 21[0].
[0]
prog_coeff_en
1
’b0 = Use one of the built-in oversampling filters.
1
’b1 = Use the custom oversampling filter.
Note: The custom filter is not programmed to anything on reset,
valid coefficients must be written to the filter before enabling.
* All Reserved Bits in Register #30 must be set to the indicated logic level to ensure correct device operation.
Note: even_stage2_coeff sets the type of symmetry used by the second stage filter. The actual RAM is 16 coefficients, but
only the first 14 coefficients are used when applying the oversampling filter. The first 14 coefficients are mirrored using either
sine or cosine symmetry, resulting in a filter length of either 27 or 28 taps. This means that the second stage RAM should
only contain half of the impulse response of the second stage filter, and the impulse peak value will be contained in the 14th
coefficient. Also note that, due to the symmetry of the filter, only linear phase filters may be used in the second stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com