Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 6 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 6 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 2Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 10Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
6
SPDIF Audio Formant
Note: XI clock (MCLK) must be > 386 x FSR when using the SPDIF input.
Up to three SPDIF inputs can be connected to the 3-to-
1 mux, selectable via register “spdif_sel”. The SPDIF can also be
sourced from GPIO pins configured as inputs.
Pin Name
Description
GPIO2
SPDIF input 5
GPIO1
SPDIF input 4
DATA1
SPDIF input 3
DATA2
SPDIF input 2
DATA_CLK
SPDIF input 1
DSD Audio Format
Note: XI clock (MCLK) must be > 3 x FSR when using the DSD input.
Pin Name
Description
DATA[1:2]
2-channel DSD data input
DATA_CLK
Bit clock for DSD data input
The MCLK will run at 100MHz which means that the maximum DSD clock frequency supported is 33.3MHz. Hence, octuple-
rate DSD or DSD-22.6MHz is supported by the ES9028Q2M. Note that it is essential to meet the requirement of MCLK > 3 x
DSD_CLK or the circuit will not function correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com