Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028Q2M Datasheet(PDF) 26 Page - ESS Technology,Inc

Part # ES9028Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028Q2M Datasheet(HTML) 26 Page - ESS Technology,Inc

Back Button ES9028Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9028Q2M Datasheet HTML 30Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
0.41
January 16, 2020
ES9028Q2M Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
26
Register #35-34: Right Channel 2nd Harmonic Compensation Coefficients
16-bit, Read-Write Register, Default = 0x0000 (no compensation). Register #35 is MSB.
See Registers #13, #22-25, and #38 for more details.
Bits
[15:0]
Mnemonic
Thd_comp_c2_right
Default
16’d0
Register #37-36: Right Channel 3rd Harmonic Compensation Coefficients
16-bit, Read-Write Register, Default = 0x0000 (no compensation). Register #37 is MSB.
See Registers #13, #22-25, and #38 for more details.
Bits
[15:0]
Mnemonic
Thd_comp_c3_right
Default
16’d0
Register #38: Separate THD Compensation
8-bit, Read-Write Register, Default = 0x00
Bits
[7:1]
[0]
Mnemonic
reserved *
enable_separate_thd_comp
Default
0
0
Bit
Mnemonic
Description
[7:1]
reserved *
[0]
enable_separate_thd_comp
1'b0: (default)
•
left/right THD compensation coefficients are taken from registers #25-22
1’b1:
•
left THD compensation coefficients are taken from registers #25-22
•
right THD compensation coefficients are taken from registers #37-34
* All Reserved Bits in Register #38 must be set to the indicated logic level to ensure correct device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com