Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
CC2400
SWRS042A
Page 37 of 83
The PLL and filters are
calibrated
Write data to FIFO
Wait until crystal oscillator is
stable
PD
(Power Down)
SXOSCON
SFSON
RX or TX?
TX: STX
RX: SRX
NO: SRFOFF
Data is received. FIFO should
be read if buffered mode is
used
FSON
(XOSC and PLL is running)
Go to
power
down?*
YES: SXOSCOFF
NO: SRFOFF
Go to
power
down?*
YES: SXOSCOFF
Power Down
Data is transmitted. FIFO
should be filled if buffered
mode is used
TX
Wait for the specified crystal
oscillator start-up time, or poll the
XOSC16M_STABLE bit
*Go to PD state if the crystal oscillator
should be shut off in order to save
power. Go back to IDLE if a new
packet shall be received/transmitted
quickly. Or go back to FSON if
changing fast between RX and TX
mode.
IDLE
(XOSC is running)
NO: SFSON
NO: SFSON
Figure 17. Sequence for activating RX or TX mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com