Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
CC2400
SWRS042A
Page 61 of 83
Bit
Field Name
Reset
R/W
Description
frequency=0.50 MHz.
6:0
MOD_DEV[6:0]
64
R/W
Modulator frequency deviation in 3.9062 kHz steps (0-500 kHz).
Unsigned value. Reset value gives a deviation of 250 kHz.
AGCCTRL (0x04) - AGC Control and Status
Bit
Field Name
Reset
R/W
Description
15:8
VGA_GAIN [7:0]
0XF7
R/W
When written, VGA manual gain override value; when read, the
currently used VGA gain setting.
7:4
-
0
W0
Reserved, write as 0.
3
AGC_LOCKED
0
R
AGC lock status
2
AGC_LOCK
0
R/W
Lock gain after maximum number of attempts.
1
AGC_SYNC_LOCK
0
R/W
Lock gain after sync word received and maximum number of
attempts. (As configured in AGCTST0.AGC_ATTEMPTS. Attempts
may be 0)
0
VGA_GAIN_OE
0
R/W
Use the
VGA_GAIN value during RX instead of the AGC value.
FREND (0x05) – Front-end Control Register
Bit
Field Name
Reset
R/W
Description
15:4
-
0
W0
Reserved, write as 0.
3
-
1
W1
Reserved, write as 1.
2:0
PA_LEVEL[2:0]
7
R/W
PA output power level.
RSSI (0x06) - RSSI Status and Control Register
Bit
Field Name
Reset
R/W
Description
15:8
RSSI_VAL[7:0]
-
R
Averaged RSSI estimate on a logarithmic scale in signed two’s
complement format. Unit is 1 dB.
Offset= -54dB, see also page 44.
7:2
RSSI_CS_THRES[5:0]
0X3C
R/W
Carrier sense signal threshold value in signed two’s complement
format. Unit is 4 dB.
The CS_ABOVE_THRESHOLD_N signal goes low when the
received signal is above this value.
The CS_ABOVE_THRESHOLD_N signal is available on the
GIO1 pin or in the status word returned during SPI address byte.
The reset value corresponds to a threshold of approx. -69 dBm.
1:0
RSSI_FILT[1:0]
2
R/W
RSSI averaging filter length:
0: 0 bits (no filtering)
1: 1 bit
2: 4 bits
3: 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com