Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 7Page - Texas Instruments CC2400-RTR1 Datasheet HTML 8Page - Texas Instruments CC2400-RTR1 Datasheet HTML 9Page - Texas Instruments CC2400-RTR1 Datasheet HTML 10Page - Texas Instruments CC2400-RTR1 Datasheet HTML 11Page - Texas Instruments CC2400-RTR1 Datasheet HTML 12Page - Texas Instruments CC2400-RTR1 Datasheet HTML 13Page - Texas Instruments CC2400-RTR1 Datasheet HTML 14Page - Texas Instruments CC2400-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
CC2400
SWRS042A
Page 11 of 83
10 RSSI / Carrier Sense section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
For 1Mbps and 1 MHz channel
width.
RSSI range / Carrier sense range
80
dB
(The range is from –100 dBm to
–20 dBm typically)
RSSI settling time
20
s
RSSI accuracy
± 4
dB
See page 44 for details
Table 6 RSSI / Carrier sense characteristics
11 IF section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Intermediate frequency (IF)
1
MHz
Digital channel filter bandwidth
125
1000
kHz
The digital channel filter 6dB-
bandwidth is programmable in
steps: 125, 250, 500 and 1000
kHz. See page 39 for details.
Table 7 IF characteristics
12 Frequency Synthesizer section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Crystal oscillator frequency
16
MHz
See page 49 for details.
Crystal frequency accuracy
requirement
20
±ppm
The total crystal frequency
accuracy, i.e. initial tolerance plus
aging and temperature
dependency, will determine the
frequency accuracy of the
transmitted signal. 1 Mbps FSK,
250 kHz deviation.
Crystal operation
Parallel
C4 and C5 are loading
capacitors, see page 49
Crystal load capacitance
12
16
20
pF
16 pF recommended
Crystal ESR
60
Ω
Crystal oscillator start-up time
1.13
ms
16 pF load
Note: This time can be reduced to
15 s by enabling the XOSC core
in power-down using the
MANAND register.
Phase noise
-108
-114
-114
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At ±1 MHz offset from carrier
At ±2 MHz offset from carrier
At ±5 MHz offset from carrier
PLL loop bandwidth
50
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com