Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments CC2400-RTR1 Datasheet HTML 48Page - Texas Instruments CC2400-RTR1 Datasheet HTML 49Page - Texas Instruments CC2400-RTR1 Datasheet HTML 50Page - Texas Instruments CC2400-RTR1 Datasheet HTML 51Page - Texas Instruments CC2400-RTR1 Datasheet HTML 52Page - Texas Instruments CC2400-RTR1 Datasheet HTML 53Page - Texas Instruments CC2400-RTR1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
CC2400
SWRS042A
Page 50 of 83
Table 20. 16MHz crystal oscillator component values for CL=16pF
44 Input / Output Matching
The RF input / output is differential (RF_N
and RF_P). In addition there is supply
switch output pin (TXRX_SWITCH) that
must have an external DC path to RF_N
and RF_P.
In RX mode the TXRX_SWITCH pin is at
ground and will bias the LNA. In TX mode
the TXRX_SWITCH pin is at supply rail
voltage and will properly bias the internal
PA.
The RF output and DC bias can be
achieved
using
different
topologies.
Application circuits are shown in Figure 3
and Figure 4. Component values are given
in Table 11.
If a single ended output is required (for a
single ended connector or a single ended
antenna), a balun should be used. The
balun can be realized using discrete
inductors and capacitors.
Using a differential antenna, no balun is
required.
45 Typical performance graphs
The following graphs show how some
important
parameters
vary
with
temperature. These graphs show typical
performance as a function of temperature,
and should be used as design guidance
only.
15
16
17
18
19
20
21
22
23
24
25
-40
-20
0
20406080
Temp (deg C)
RX Current
TX Current
Figure 24 Typical RX and TX current vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com