Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
CC2400
SWRS042A
Page 39 of 83
29 Receiver Channel Bandwidth
In order to meet different channel width
and channel spacing requirements, the
receiver’s digital channel filter bandwidth
is programmable. It can be programmed
from 125 to 1000 kHz.
The GRDEC.CHANNEL_DEC[1:0] register
bits control the bandwidth.
The
table
below
summarizes
the
selectable channel bandwidths.
Channel filter
bandwidth
[kHz]
GRDEC.CHANNEL_DEC[1:0]
[binary]
1000
00
500
01
250
10
125
11
There is a tradeoff between selectivity and
accepted
frequency
tolerance.
In
applications where larger frequency drift is
expected (depends on the accuracy of the
crystal), the filter bandwidth should be
increased, at the expense of reduced
adjacent channel rejection (ACR).
It is strongly recommended to use one of
the three settings for over-the-air data
rates
and
channel
bandwidths
as
described in the section “Data Rate
Programming” on page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com