Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments CC2400-RTR1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
CC2400
SWRS042A
Page 44 of 83
34 RSSI
CC2400 has a built-in RSSI (Received
Signal Strength Indicator) giving a digital
value that can be read form the
RSSI.RSSI_VAL[7:0] register.
The RSSI reading provides a measure of
the signal power entering the RF input.
The scale is logarithmic, so that
RSSI_VAL provides a value in dB.
The number of samples that are used to
calculate the average signal amplitude is
controlled
by
the
RSSI.RSSI_FILT[1:0]
register. The
RSSI filter length (averaging) can be done
over up to 8 symbols. This will determine
the response time of the RSSI.
The RSSI measurement can be referred to
the power at the RF input pins by using
the following equation:
P = RSSI_VAL + RSSI_OFFSET [dBm]
where
the
nominal
value
of
RSSI_OFFSET is –54dB. (If the gain in
the LNA/Mixer is changed from the default
settings, the offset is changed.)
A typical plot of the RSSI_VAL reading as
function of input power is shown in Figure
22 (for 1Mbps).
Note that the RSSI function does not take
AGC settings into consideration if the AGC
settings are overridden.
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
Input level (dBm)
1M
250kb
10kb
Figure 22. Typical RSSI value vs. input power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com