Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 14Page - Texas Instruments CC2400-RTR1 Datasheet HTML 15Page - Texas Instruments CC2400-RTR1 Datasheet HTML 16Page - Texas Instruments CC2400-RTR1 Datasheet HTML 17Page - Texas Instruments CC2400-RTR1 Datasheet HTML 18Page - Texas Instruments CC2400-RTR1 Datasheet HTML 19Page - Texas Instruments CC2400-RTR1 Datasheet HTML 20Page - Texas Instruments CC2400-RTR1 Datasheet HTML 21Page - Texas Instruments CC2400-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
CC2400
SWRS042A
Page 18 of 83
Ref
Description
C71
Front-end bias decoupling and match, see page 50
C61
Discrete balun and match, see page 50
C81
Discrete balun and match, see page 50
C62
DC block to antenna and match
C421
16MHz crystal load capacitor, see page 49
C431
16MHz crystal load capacitor, see page 49
L61
DC bias and match, see page 50
L62
DC bias and match, see page 50
L71
RF blocking inductor, see page 50
L81
Discrete balun and match, see page 50
R451
Precision resistor for current reference generator
XTAL
16MHz crystal, see page 49
Table 10. Overview and description of external components for an unbalanced antenna
(balun implemented with low cost discrete components)
1
VCO_GUARD
AVDD_VCO
AVDD_PRE
AVDD_RF1
RF_P
TXRX_SWITCH
RF_N
GND
2
3
4
6
5
7
8
CC2400
36
NC
GIO6
SO
SI
CSn
DCLK/FIFO
DIO/PKT
SCLK
35
34
33
31
32
30
29
GND
AVDD_SW
NC
NC
10
11
12
9
RX
DVDD1.8
DVDD3.3
TX
27
28
26
25
SPI-bus
DVDD=1.8V
Optional
digital
interface
DVDD=1.8V
DVDD Digital I/O
=1.8 / 3.3V
Antenna
(50 Ohm)
AVDD=1.8V
R451
C431
C421
XTAL
C62
C61
C71
L61
L62
C81
L81
AVDD=1.8V
AVDD=1.8V AVDD=1.8V
L71
Figure 3 Typical application circuit with discrete balun for interfacing single-ended
antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com