Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments CC2400-RTR1 Datasheet HTML 48Page - Texas Instruments CC2400-RTR1 Datasheet HTML 49Page - Texas Instruments CC2400-RTR1 Datasheet HTML 50Page - Texas Instruments CC2400-RTR1 Datasheet HTML 51Page - Texas Instruments CC2400-RTR1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
CC2400
SWRS042A
Page 48 of 83
40 VCO
The VCO is completely integrated and
operates at 4800 – 4966 MHz. The VCO
frequency is divided by 2 to generate
frequencies in the desired band (2400-
2483 MHz).
The
VCO
frequency
is
related
to
FSDIV.FREQ[9:0] as follows:
[ ]
(
)
0
:
9
2047
2
FREQ
f
VCO
+
⋅
=
41 VCO Self-Calibration
The characteristics of the VCO will vary
with temperature, changes in supply
voltages, and the desired operating
frequency. In order to ensure reliable
operation the bias current and tuning
range of the VCO are automatically
calibrated every time the RX mode or TX
mode is enabled.
42 Output Power Programming
The RF output power from the device is
programmable and is controlled by the
FREND.PA_LEVEL[2:0] register. Table
19 shows the relationship between the
register value, output power and current
consumption.
RF frequency 2.45 GHz
PA_LEVEL[2:0]
[binary]
Output power
[dBm]
Current
consumption,
typ. [mA]
000
-25
11
001
-15
12
010
-10
13
011
-7
14
100
-4.6
16
101
-2.8
17
110
-1.3
18
111
0
19
Table 19. Output power settings and typical current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com