Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments CC2400-RTR1 Datasheet HTML 64Page - Texas Instruments CC2400-RTR1 Datasheet HTML 65Page - Texas Instruments CC2400-RTR1 Datasheet HTML 66Page - Texas Instruments CC2400-RTR1 Datasheet HTML 67Page - Texas Instruments CC2400-RTR1 Datasheet HTML 68Page - Texas Instruments CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 83 page
background image
CC2400
SWRS042A
Page 65 of 83
PAMTST (0x11) - PA and Transmit Mixers Test Register
Bit
Field Name
Reset
R/W
Description
15:13
-
0
W0
Reserved, write as 0.
12
VC_IN_TEST_EN
0
R/W
When ATESTMOD_MODE=7 this controls whether the ATEST1 in
is used to output the VC node voltage (0) or to control the VC
node voltage (1).
11
ATESTMOD_PD
1
W
Power down of the analog test module.
10:8
ATESTMOD_MODE[2:0]
0
R/W
When ATESTMOD_PD=0, the function of the analog test module
is as follows:
0: Outputs “I” (ATEST2) and “Q” (ATEST1) from RxMIX.
1: Inputs “I” (ATEST2) and “Q” (ATEST1) to BPF.
2: Outputs “I” (ATEST2) and “Q” (ATEST1) from VGA.
3: Inputs “I” (ATEST2) and “Q” (ATEST1) to ADC.
4: Outputs “I” (ATEST2) and “Q” (ATEST1) from LPF.
5: Inputs “I” (ATEST2) and “Q” (ATEST1) to TxMIX.
6: Outputs “P” (ATEST2) and “N” (ATEST1) from Prescaler.
7: Connects TX IF to RX IF and simultaneously the ATEST1 pin to the
internal VC node (see
VC_IN_TEST_EN).
7
-
0
W0
Reserved, write as 0.
6:5
TXMIX_CAP_ARRAY[1:0]
0
R/W
Selects varactor array settings in the transmit mixers.
4:3
TXMIX_CURRENT[1:0]
0
R/W
Transmit mixers current:
0: 1.72 mA
1: 1.88 mA
2: 2.05 mA
3 2.21 mA
2:0
PA_CURRENT[2:0]
3
R/W
Programming of the PA current
0: -3 current adjustment
1: -2 current adjustment
2: -1 current adjustment
3: Nominal setting
4: +1 current adjustment
5: +2 current adjustment
6: +3 current adjustment
7: +4 current adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com