Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 73 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 69Page - Texas Instruments CC2400-RTR1 Datasheet HTML 70Page - Texas Instruments CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments CC2400-RTR1 Datasheet HTML 73Page - Texas Instruments CC2400-RTR1 Datasheet HTML 74Page - Texas Instruments CC2400-RTR1 Datasheet HTML 75Page - Texas Instruments CC2400-RTR1 Datasheet HTML 76Page - Texas Instruments CC2400-RTR1 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
CC2400
SWRS042A
Page 73 of 83
Bit
Field Name
Reset
R/W
Description
3:2
DATA_FORMAT[1:0]
0
R/W
Selects line-coding format used during RX and TX operations.
00: NRZ
01: Manchester
10: 8/10 line-coding (Not applied to preambles or sync words)
11: Reserved
1
MODULATION_FORMAT
0
R/W
Modulation format of modem:
0: FSK/GFSK
1: Reserved
0
TX_GAUSSIAN_FILTER
1
R/W
When this bit is set the data sent in TX is Gaussian filtered
before transmission enabling GFSK
GRDEC (0x21) - Generic Radio Decimation Control and Status
Bit
Field Name
Reset
R/W
Description
15:13
-
0
W0
Reserved, write as 0.
12
IND_SATURATION
-
R
Signal indicates whether the accumulate-and-dump decimation
filters have saturated at some point since the last read. If
saturation occurs the DEC_SHIFT can be adjusted. The status
flag is cleared when reading the GRDEC register.
11:10
DEC_SHIFT[1:0]
0
R/W
Controls extra shifts in decimation, for extra precision.
Decimation shift value:
2: -2
3: -1
0: 0
1: 1
9:8
CHANNEL_DEC[1:0]
0
R/W
Selects channel filter bandwidth.
00: 1 MHz (used for 1Mbps and 250 kbps datarates)
01: 500 kHz (used for 10 kbps data rate)
01: 250 kHz
11: 125 kHz
7:0
DEC_VAL[7:0]
0
R/W
In combination with CHANNEL_DEC[1:0], DEC_VAL[7:0] is
used to program the data rate. See page 40 for a description.
PKTSTATUS (0x22) - Packet Mode Status
Bit
Field Name
Reset
R/W
Description
15:11
-
0
W0
Reserved, write as 0.
10
SYNC_WORD_RECEIVED
0
R
Indicates that the currently configured sync word has been
received since RX was turned on.
9
CRC_OK
-
R
Indicates that the two next bytes available to be read from the
FIFO equal the CRC16 calculated over the bytes already read
from the FIFO.
8
-
0
R
Reserved for future use.
7:0
-
-
R
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com