Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 19Page - Texas Instruments CC2400-RTR1 Datasheet HTML 20Page - Texas Instruments CC2400-RTR1 Datasheet HTML 21Page - Texas Instruments CC2400-RTR1 Datasheet HTML 22Page - Texas Instruments CC2400-RTR1 Datasheet HTML 23Page - Texas Instruments CC2400-RTR1 Datasheet HTML 24Page - Texas Instruments CC2400-RTR1 Datasheet HTML 25Page - Texas Instruments CC2400-RTR1 Datasheet HTML 26Page - Texas Instruments CC2400-RTR1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
CC2400
SWRS042A
Page 23 of 83
Bit #
Name
Description
7
-
Reserved, ignore value
6
XOSC16M_STABLE
Indicates whether the 16 MHz oscillator is running ('1') or not
5
RESERVED
Reserved
4
SYNC_RECEIVED
Indicates whether a sync word has been received or not so far in
the RX operation
3
CRC_OK
Indicates whether the next two bytes in the FIFO will make the
CRC calculation successful or not:
0: CRC not OK or CRC off
1: CRC OK
2
FS_LOCK
Indicates whether the frequency synthesiser is in lock ('1') or not.
1:0
RESERVED[1:0]
Reserved
Table 13. Status byte returned during address transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com