Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 27Page - Texas Instruments CC2550-RTR1 Datasheet HTML 28Page - Texas Instruments CC2550-RTR1 Datasheet HTML 29Page - Texas Instruments CC2550-RTR1 Datasheet HTML 30Page - Texas Instruments CC2550-RTR1 Datasheet HTML 31Page - Texas Instruments CC2550-RTR1 Datasheet HTML 32Page - Texas Instruments CC2550-RTR1 Datasheet HTML 33Page - Texas Instruments CC2550-RTR1 Datasheet HTML 34Page - Texas Instruments CC2550-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 31 of 54
GDOx_CFG[5:0]
Description
0 (0x00)
Reserved – defined on the transceiver version.
1 (0x01)
Reserved – defined on the transceiver version.
2 (0x02)
Associated with the TX FIFO: Asserts when the TX FIFO is filled at or above TXFIFO_THR. De-asserts when the TX
FIFO is below TXFIFO_THR.
3 (0x03)
Associated to the TX FIFO: Asserts when TX FIFO is full. De-asserts when the TX FIFO is drained below
TXFIFO_THR.
4 (0x04)
Reserved – defined on the transceiver version.
5 (0x05)
Asserts when the TX FIFO has underflowed. De-asserts when the FIFO is flushed.
6 (0x06)
Asserts when sync word has been sent, and de-asserts at the end of the packet. The pin will also de-assert if the TX
FIFO underflows.
7 (0x07)
Reserved – defined on the transceiver version.
8 (0x08)
Reserved – defined on the transceiver version.
9 (0x09)
Reserved – defined on the transceiver version.
10 (0x0A)
Lock detector output. The PLL is in lock if the lock detector output has a positive transition or is constantly logic high. To
check for PLL lock the lock detector output should be used as an interrupt for the MCU.
11 (0x0B)
Serial Clock. Synchronous to the data in synchronous serial mode.
Data is set up on the falling edge and is read on the rising edge of SERIAL_CLK when GDOx_INV=0.
12 (0x0C)
Reserved – defined on the transceiver version.
13 (0x0D)
Reserved – defined on the transceiver version.
14 (0x0E)
Reserved – defined on the transceiver version.
15 (0x0F)
Reserved – defined on the transceiver version.
16 (0x10)
Reserved – used for test.
17 (0x11)
Reserved – used for test.
18 (0x12)
Reserved – used for test.
19 (0x13)
Reserved – used for test.
20 (0x14)
Reserved – used for test.
21 (0x15)
Reserved – used for test.
22 (0x16)
Reserved – defined on the transceiver version.
23 (0x17)
Reserved – defined on the transceiver version.
24 (0x18)
Reserved – used for test.
25 (0x19)
Reserved – used for test.
26 (0x1A)
Reserved – used for test.
27 (0x1B)
PA_PD. Note: PA_PD will have the same signal level in SLEEP and TX states. To control an external PA in applications
where the SLEEP state is used it is recommended to use address 47 (0x2F).
28 (0x1C)
Reserved – defined on the transceiver version.
29 (0x1D)
Reserved – defined on the transceiver version.
30 (0x1E)
Reserved – used for test.
31 (0x1F)
Reserved – used for test.
32 (0x20)
Reserved – used for test.
33 (0x21)
Reserved – used for test.
34 (0x22)
Reserved – used for test.
35 (0x23)
Reserved – used for test.
36 (0x24)
Reserved – used for test.
37 (0x25)
Reserved – used for test.
38 (0x26)
Reserved – used for test.
39 (0x27)
Reserved – used for test.
40 (0x28)
Reserved – used for test.
41 (0x29)
CHIP_RDY
42 (0x2A)
Reserved – used for test.
43 (0x2B)
XOSC_STABLE
44 (0x2C)
Reserved – used for test.
45 (0x2D)
GDO0
_Z_EN_N. When this output is 0, GDO0 is configured as input (for serial TX data).
46 (0x2E)
High impedance (3-state)
47 (0x2F)
HW to 0 (HW1 achieved with _INV signal). Can be used to control an external PA
48 (0x30)
CLK_XOSC/1
49 (0x31)
CLK_XOSC/1.5
50 (0x32)
CLK_XOSC/2
51 (0x33)
CLK_XOSC/3
52 (0x34)
CLK_XOSC/4
53 (0x35)
CLK_XOSC/6
54 (0x36)
CLK_XOSC/8
55 (0x37)
CLK_XOSC/12
56 (0x38)
CLK_XOSC/16
57 (0x39)
CLK_XOSC/24
58 (0x3A)
CLK_XOSC/32
59 (0x3B)
CLK_XOSC/48
60 (0x3C)
CLK_XOSC/64
61 (0x3D)
CLK_XOSC/96
62 (0x3E)
CLK_XOSC/128
63 (0x3F)
CLK_XOSC/192
Note: There are 2 GDO pins, but only one CLK_XOSC/n can be selected as an output at any
time. If CLK_XOSC/n is to be monitored on one of the GDO pins, the other GDO pin must be
configured to a value less than 0x30. The GDO0 default value is CLK_XOSC/192.
Table 22: GDOx signal selection (x = 0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com