Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 11Page - Texas Instruments CC2550-RTR1 Datasheet HTML 12Page - Texas Instruments CC2550-RTR1 Datasheet HTML 13Page - Texas Instruments CC2550-RTR1 Datasheet HTML 14Page - Texas Instruments CC2550-RTR1 Datasheet HTML 15Page - Texas Instruments CC2550-RTR1 Datasheet HTML 16Page - Texas Instruments CC2550-RTR1 Datasheet HTML 17Page - Texas Instruments CC2550-RTR1 Datasheet HTML 18Page - Texas Instruments CC2550-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 15 of 54
10.1
Chip Status Byte
When the header byte, data byte or command
strobe is sent on the SPI interface, the chip
status byte is sent by the
CC2550 on the SO
pin. The status byte contains key status
signals, useful for the MCU. The first bit, s7, is
the CHIP_RDYn signal; this signal must go low
before the first positive edge of SCLK. The
CHIP_RDYn
signal indicates that the crystal is
running and the regulated digital supply
voltage is stable.
Bits 6, 5 and 4 comprise the STATE value. This
value reflects the state of the chip. The XOSC
and power to the digital core is on in the IDLE
state, but all other modules are in power down.
The frequency and channel configuration
should only be updated when the chip is in this
state. The TX state will be active when the
chip is transmitting.
The last four bits (3:0) in the status byte con-
tains FIFO_BYTES_AVAILABLE. This field
contains the number of bytes free for writing
into
the
TX
FIFO.
When
FIFO_BYTES_AVAILABLE=15
, 15 or more
bytes are free.
Table 15 gives a status byte summary.
Bits
Name
Description
7
CHIP_RDYn
Stays high until power and crystal have stabilized. Should always be low when using
the SPI interface.
6:4
STATE[2:0]
Indicates the current main state machine mode
Value
State
Description
000
Idle
IDLE state
(Also reported for some transitional states instead
of SETTLING or CALIBRATE)
001
Not used
(RX)
Not used, included for software compatibility
with
CC2500 transceiver
010
TX
Transmit mode
011
FSTXON
Fast TX ready
100
CALIBRATE
Frequency synthesizer calibration is running
101
SETTLING
PLL is settling
110
Not used
(RXFIFO_OVERFLOW)
Not used, included for software compatibility
with
CC2500 transceiver
111
TXFIFO_UNDERFLOW
TX FIFO has underflowed. Acknowledge with
SFTX
3:0
FIFO_BYTES_AVAILABLE[3:0]
The number of free bytes in the TX FIFO. If FIFO_BYTES_AVAILABLE=15, it
indicates that 15 or more bytes are free.
Table 15: Status byte summary
10.2
Registers Access
The configuration registers on the
CC2550 are
located on SPI addresses from 0x00 to 0x2F.
Table 24 on page 36 lists all configuration
registers. The detailed description of each
register is found in Section 27.1, starting on
page 38. All configuration registers can be
both written and read. The read/write bit
controls if the register should be written or
read. When writing to registers, the status byte
is sent on the SO pin each time a header byte
or data byte is transmitted on the SI pin.
When reading from registers, the status byte is
sent on the SO pin each time a header byte is
transmitted on the SI pin.
Registers with consecutive addresses can be
accessed in an efficient way by setting the
burst bit in the address header. The address
sets the start address in an internal address
counter. This counter is incremented by one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com