Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 49 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 45Page - Texas Instruments CC2550-RTR1 Datasheet HTML 46Page - Texas Instruments CC2550-RTR1 Datasheet HTML 47Page - Texas Instruments CC2550-RTR1 Datasheet HTML 48Page - Texas Instruments CC2550-RTR1 Datasheet HTML 49Page - Texas Instruments CC2550-RTR1 Datasheet HTML 50Page - Texas Instruments CC2550-RTR1 Datasheet HTML 51Page - Texas Instruments CC2550-RTR1 Datasheet HTML 52Page - Texas Instruments CC2550-RTR1 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 49 of 54
28
Package Description (QLP 16)
All dimensions are in millimetres, angles in degrees. NOTE: The
CC2550 is available in RoHS
lead-free package only.
Figure 21: Package dimensions drawing (the actual package has 16 pins)
Package
type
A
A1
A2
D
D1
D2
E
E1
E2
L
T
b
e
Min
0.75
0.005
0.55
3.90
3.65
3.90
3.65
0.45
0.190
0.23
QLP 16 (4x4)
Typ.
0.85
0.025
0.65
4.00
3.75
2.30
4.00
3.75
2.30
0.55
0.28
0.65
Max
0.95
0.045
0.75
4.10
3.85
4.10
3.85
0.65
0.245
0.35
Table 27: Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com