Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 45 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 41Page - Texas Instruments CC2550-RTR1 Datasheet HTML 42Page - Texas Instruments CC2550-RTR1 Datasheet HTML 43Page - Texas Instruments CC2550-RTR1 Datasheet HTML 44Page - Texas Instruments CC2550-RTR1 Datasheet HTML 45Page - Texas Instruments CC2550-RTR1 Datasheet HTML 46Page - Texas Instruments CC2550-RTR1 Datasheet HTML 47Page - Texas Instruments CC2550-RTR1 Datasheet HTML 48Page - Texas Instruments CC2550-RTR1 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 45 of 54
0x23: FSCAL3 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
FSCAL3[7:6]
2 (10)
R/W
Frequency synthesizer calibration configuration. The value to write
in this register before calibration is given by the SmartRF® Studio
software.
5:4
CHP_CURR_CAL_EN[1:0]
2 (10)
R/W
Disable charge pump calibration stage when 0
3:0
FSCAL3[3:0]
9
(1001)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.
0x24: FSCAL2 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:0
FSCAL2[5:0]
10
(0x0A)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.
0x25: FSCAL1 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7:6
Reserved
R0
5:0
FSCAL1[5:0]
32
(0x20)
R/W
Frequency synthesizer calibration result register.
Fast frequency hopping without calibration for each hop can be
done by calibrating upfront for each frequency and saving the
resulting FSCAL3, FSCAL2 and FSCAL1 register values. Between
each frequency hop, calibration can be replaced by writing the
FSCAL3, FSCAL2 and FSCAL1 register values corresponding to
the next RF frequency.
0x26: FSCAL0 – Frequency synthesizer calibration
Bit
Field Name
Reset
R/W
Description
7
Reserved
R0
6:5
Reserved
0 (00)
R0
Defined on the transceiver version
4:0
FSCAL0[4:0]
13
(0x0D)
R/W
Frequency synthesizer calibration control. The value to use in
register field is given by the SmartRF® Studio software.
0x29: FSTEST – Frequency synthesizer calibration control
Bit
Field Name
Reset
R/W
Description
7:0
FSTEST[7:0]
87
(0x57)
R/W
For test only. Do not write to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com