Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2550-RTR1 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2550-RTR1
Description  Single Chip Low Cost Low Power RF Transmitter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550-RTR1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2550-RTR1 Datasheet HTML 18Page - Texas Instruments CC2550-RTR1 Datasheet HTML 19Page - Texas Instruments CC2550-RTR1 Datasheet HTML 20Page - Texas Instruments CC2550-RTR1 Datasheet HTML 21Page - Texas Instruments CC2550-RTR1 Datasheet HTML 22Page - Texas Instruments CC2550-RTR1 Datasheet HTML 23Page - Texas Instruments CC2550-RTR1 Datasheet HTML 24Page - Texas Instruments CC2550-RTR1 Datasheet HTML 25Page - Texas Instruments CC2550-RTR1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 22 of 54
15
Forward Error Correction with Interleaving
15.1
Forward Error Correction (FEC)
CC2550 has built in support for Forward Error
Correction (FEC) that can be used with
CC2500
at the receiver end. To enable this option, set
MDMCFG1.FEC_EN
to 1. FEC is employed on
the data field and CRC word in order to reduce
the gross bit error rate when operating near
the sensitivity limit. Redundancy is added to
the transmitted data in such a way that the
receiver can restore the original data in the
presence of some bit errors.
The use of FEC allows correct reception at a
lower SNR, thus extending communication
range. Alternatively, for a given SNR, using
FEC decreases the bit error rate (BER). As the
packet error rate (PER) is related to BER by:
length
packet
BER
PER
_
)
1
(
1
−
−
=
,
a lower BER can be used to allow longer
packets, or a higher percentage of packets of
a given length, to be transmitted successfully.
Finally, in realistic ISM radio environments,
transient and time-varying phenomena will
produce occasional errors even in otherwise
good reception conditions. FEC will mask such
errors and, combined with interleaving of the
coded data, even correct relatively long
periods of faulty reception (burst errors).
The FEC scheme adopted for
CC2550 is
convolutional coding, in which n bits are
generated based on k input bits and the m
most recent input bits, forming a code stream
able to withstand a certain number of bit errors
between each coding state (the m-bit window).
The convolutional coder is a rate 1/2 code with
a constraint length of m=4. The coder codes
one input bit and produces two output bits;
hence, the effective data rate is halved.
15.2
Interleaving
Data received through real radio channels will
often
experience
burst
errors
due
to
interference and time-varying signal strengths.
In order to increase the robustness to errors
spanning multiple bits, interleaving is used
when FEC is enabled. After de-interleaving, a
continuous span of errors in the received
stream will become single errors spread apart.
CC2550 employs matrix interleaving, which is
illustrated
in
Figure
12.
The
on-chip
interleaving and de-interleaving buffers are 4 x
4 matrices. In the transmitter, the data bits are
written into the rows of the matrix, whereas the
bit sequence to be transmitted is read from the
columns of the matrix and fed to the rate ½
convolutional coder. Conversely, in a
CC2500
receiver, the received symbols are written into
the columns of the matrix, whereas the data
passed onto the convolutional decoder is read
from the rows of the matrix.
When FEC and interleaving is used at least
one
extra
byte
is
required
for
trellis
termination. In addition, the amount of data
transmitted over the air must be a multiple of
the size of the interleaver buffer (two bytes).
The
packet
control
hardware
therefore
automatically inserts one or two extra bytes at
the end of the packet, so that the total length
of the data to be interleaved is an even
number. Note that these extra bytes are
invisible to the user, as they are removed
before the received packet enters the RX FIFO
in a
CC2500.
When FEC and interleaving is used the
minimum data payload is 2 bytes in fixed and
variable packet length mode.
Note that for the
CC2500 transceiver FEC is
only supported in fixed packet length mode
(PKTCTRL0.LENGTH_CONFIG=0).
Receiver
Transmitter
1) Storing coded
data
2) Transmitting
interleaved data
4) Passing on data
to decoder
3) Receiving
interleaved data
TX
Data
RX
Data
Figure 12: General principle of matrix interleaving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com